Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES8AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FES8AT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FES8AT Datasheet(HTML) 3 Page - Vishay Siliconix

  FES8AT Datasheet HTML 1Page - Vishay Siliconix FES8AT Datasheet HTML 2Page - Vishay Siliconix FES8AT Datasheet HTML 3Page - Vishay Siliconix FES8AT Datasheet HTML 4Page - Vishay Siliconix FES8AT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FES(F,B)8AT thru FES(F,B)8JT
Vishay General Semiconductor
Document Number: 88600
Revision: 07-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
0
50
100
150
0
2
4
6
8
10
Heatsink, Case Temperature, T
C
Free Air, Ambient Temperature, T
A
Resistive or Inductive Load
Temperature (°C)
1
10
100
0
25
50
75
100
125
150
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave
0.2
0.6
1.0
1.4
1.8
0.1
1
10
100
Instantaneous Forward Voltage (V)
50 - 200 V
300 - 400 V
500 - 600 V
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
2.0
0.4
0.8
1.2
1.6
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
0
20
40
60
80
100
0.01
0.1
1
10
100
50 - 200 V
500 - 600 V
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.1
1
10
100
10
100
1000
50 - 200 V
500 - 600 V
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com