Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEPB6DTHE3/81 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FEPB6DTHE3/81
Description  Dual Common-Cathode Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEPB6DTHE3/81 Datasheet(HTML) 3 Page - Vishay Siliconix

  FEPB6DTHE3/81 Datasheet HTML 1Page - Vishay Siliconix FEPB6DTHE3/81 Datasheet HTML 2Page - Vishay Siliconix FEPB6DTHE3/81 Datasheet HTML 3Page - Vishay Siliconix FEPB6DTHE3/81 Datasheet HTML 4Page - Vishay Siliconix FEPB6DTHE3/81 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FEP(F,B)6AT thru FEP(F,B)6DT
Vishay General Semiconductor
Document Number: 88598
Revision: 07-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
0
6
8
10
75
50
25
0
100
125
150
4
2
Resistive or Inductive Load
Case Temperature (°C)
0
50
1
100
10
40
30
20
80
70
60
10
Number of Cycles at 60 Hz
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
0.1
10
100
1
1.8
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 4. Typical Reverse Leakage Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
60
40
20
0
100
80
0.01
0.1
10
1
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Reverse Voltage (V)
0.1
10
1
100
30
20
10
40
50
60
0
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com