Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1030L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST1030L
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1030L Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST1030L Datasheet HTML 1Page - Vishay Siliconix TCST1030L Datasheet HTML 2Page - Vishay Siliconix TCST1030L Datasheet HTML 3Page - Vishay Siliconix TCST1030L Datasheet HTML 4Page - Vishay Siliconix TCST1030L Datasheet HTML 5Page - Vishay Siliconix TCST1030L Datasheet HTML 6Page - Vishay Siliconix TCST1030L Datasheet HTML 7Page - Vishay Siliconix TCST1030L Datasheet HTML 8Page - Vishay Siliconix TCST1030L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83763
Rev. 1.6, 16-Aug-06
TCST1030(L)
Vishay Semiconductors
Input (Emitter)
Output (Detector)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Coupler
Input (Emitter)
Output (Detector)
Switching Characteristics
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
100
mA
Power dissipation
Tamb ≤ 25 °C
PV
150
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector current
VCE = 5 V, IF = 10 mA
IC
1.2
2.4
mA
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.8
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 µA
VECO
7V
Collector dark current
VCE = 25 V, IF = 0, E = 0
ICEO
10
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IC = 1 mA, VCE = 5 V,
RL = 100 Ω (see figure 1)
ton
15.0
µs
Turn-off time
IC = 1 mA, VCE = 5 V,
RL = 100 Ω (see figure 1)
foff
10.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com