Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8171 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8171
Description  VERTICAL DEFLECTION BOOSTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8171 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8171 Datasheet HTML 1Page - STMicroelectronics TDA8171 Datasheet HTML 2Page - STMicroelectronics TDA8171 Datasheet HTML 3Page - STMicroelectronics TDA8171 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (see Note 1)
40
V
V6
Flyback Peak Voltage (Pin 6) (see Note 1)
75
V
V1 , V7
Amplifier Input Voltage (Pins 1-7) (see Note 1)
- 0.3, + VS
V
IO
Maximum Output Peak Current (see Notes 2 and 3)
2.5
A
I3
Maximum Sink Current (first part of flyback) (t < 1ms)
2.5
A
I3
Maximum Source Current (t < 1ms)
2.5
A
VESD
Electrostatic Handling for all pins (see Note 4)
2000
V
Toper
Operating Ambient Temperature
- 20, + 75
oC
Tstg
Storage Temperature
- 40, + 150
oC
Tj
Junction Temperature
+150
oC
Notes : 1. Versus Pin 4.
2. The output current can reach 4A peak for t
≤ 10µs (up to 120Hz).
3. Provided SOAR is respected (see Figures 1 and 2).
4. Equivalent to discharging a 100pF capacitor through a 1.5k
Ω series resistor.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
Tt
Temperature for Thermal Shutdown
150
oC
Tjr
Recommended Max. Junction Temperature
120
oC
ELECTRICAL CHARACTERISTICS
(VS = 35V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
10
35
V
I2
Pin 2 Quiescent Current
I3 = 0, I5 = 0
9
20
mA
I6
Pin 6 Quiescent Current
I3 = 0, I5 = 0, V6 = 35V
8
15
30
mA
IO
Max. Peak Output Current
1.5
A
I1
Amplifier Bias Current
V1 = 1V
- 1
µA
V7
Reference Voltage
2.35
V
∆V7/∆VS Reference Voltage Drift versus Supply Voltage
1
2
mV/V
∆V7/∆t
Reference Voltage Drift versus Temperature
0.15
mV/
oC
GV
Voltage Gain
80
dB
V5L
Output Saturation Voltage to GND (Pin 4)
I5 = 1.5A
1
1.7
V
V5H
Output Saturation Voltage to Supply (Pin 6)
I5 = - 1.5A
1.8
2.3
V
VD5 - 6
Diode Forward Voltage between Pins 5-6
I5 = 1.5A
1.8
2.3
V
VD3 - 2
Diode Forward Voltage between Pins 3-2
I3 = 1.5A
1.6
2.2
V
V3SL
Saturation Voltage on Pin 3
I3 = 20mA
0.4
1
V
V3SH
Saturation Voltage to Pin 2 (2nd part of flyback)
I3 = - 1.5A
2.1
2.8
V
TDA8171
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com