Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300145TR2TCR2DBB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 300145TR2TCR2DBB
Description  High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300145TR2TCR2DBB Datasheet(HTML) 4 Page - Vishay Siliconix

  300145TR2TCR2DBB Datasheet HTML 1Page - Vishay Siliconix 300145TR2TCR2DBB Datasheet HTML 2Page - Vishay Siliconix 300145TR2TCR2DBB Datasheet HTML 3Page - Vishay Siliconix 300145TR2TCR2DBB Datasheet HTML 4Page - Vishay Siliconix 300145TR2TCR2DBB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors
with TCR Tracking to 0.5 ppm/°C and
Tolerance Match to 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63045
4
Revision: 21-Nov-07
TABLE 3 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS
(other values available on request)
300144 RATIOS
300145 RATIOS
VCODES
R1
R2
VCODES
R1
R2
VCODES
R1
R2
R3
R4
V0009
20K
20K
V0002
5K
5K
V0008
10K
10K
10K
10K
V0010
20K
10K
V0026
3K
19K2
V0019
5K
5K
5K
5K
V0100
20K
2K
V0156
3K
6K
V0092
1K
7K812
7K812
1K
V0055
19K4
9K7
V0158
2K7
10K
V0023
500R
500R
500R
500R
V0223
17K5
20K
V0058
2K
20K
V0047
100R
8K8
100R
8K8
V0097
15K
15K
V0030
2K
18K
V0051
100R
10K
100R
10K
V0094
10K
20K
V0029
2K
4K
V0051
100R
10K
100R
10K
V0001
10K
10K
V0103
2K
3K
V0227
350R
350R
350R
350R
V0042
10K
8K323
V0059
2K
2K
-
-
-
-
-
V0006
10K
2K
V0103
1K5
3K
-
-
-
-
-
V0226
9K
10K
V0032
1K
16K
-
-
-
-
-
V0003
9K
1K
V0121
1K
2K
-
-
-
-
-
V0013
8K
16K
V0004
1K
1K
-
-
-
-
-
V0107
6K
20K
V0022
511R
16K2
-
-
-
-
-
V0014
6K
7K
V0162
500R
15K
-
-
-
-
-
V0159
5K5
7K7
V0091
500R
500R
-
-
-
-
-
V0005
5K
10K
V0061
300R
300R
-
-
-
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com