Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8172 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8172
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8172 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8172 Datasheet HTML 1Page - STMicroelectronics TDA8172 Datasheet HTML 2Page - STMicroelectronics TDA8172 Datasheet HTML 3Page - STMicroelectronics TDA8172 Datasheet HTML 4Page - STMicroelectronics TDA8172 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (pin 2)
35
V
V5,V6
Flyback Peak Voltage
60
V
V3
Voltage at Pin 3
+ Vs
V1,V7
Amplifier Input Voltage
+ Vs
– 0.5
V
Io
Output Peak Current (non repetitive, t = 2 ms)
2.5
A
Io
Output Peak Current at f = 50 or 60 Hz, t
≤ 10 µs3
A
Io
Output Peak Current at f = 50 or 60 Hz, t > 10
µs2
A
I3
Pin 3 DC Current at V5 <V2
100
mA
I3
Pin 3 Peak to Peak Flyback Current at f = 50 or 60 Hz, tfly
≤ 1.5 ms
3
A
Ptot
Total Power Dissipation at Tcase =90
°C20
W
Tstg,Tj
Storage and Junction Temperature
– 40, +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j–c)
Thermal Resistance Junction-case
Max.
3
°C/W
ELECTRICAL CHARACTERISTICS
(refer to the test circuits, VS = 35V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit Fig.
I2
Pin 2 Quiescent Current
I3 =0, I5 =0
8
16
mA
1a
I6
Pin 6 Quiescent Current
I3 =0, I5 = 0
16
36
mA
1a
I1
Amplifier Input Bias Current
V1 = 1 V, V7 = 2 V
– 0.1
– 1
µA1a
V1 = 2 V, V7 = 1 V
– 0.1
– 1
µA1a
V3L
Pin 3 Saturation Voltage to GND
I3 = 20 mA
1
1.5
V
1c
V5
Quiescent Output Voltage
Vs = 35V, Ra =39 k
18
V
1d
V5L
Output Saturation Voltage to GND
I5 = 1.2 A
1
1.4
V
1c
I5 = 0.7 A
0.7
1
V
1c
V5H
Output Saturation Voltage to Supply
– I5 = 1.2 A
1.6
2.2
V
1b
–I5 = 0.7 A
1.3
1.8
V
1b
Tj
Junction Temperature for Thermal Shut Down
140
°C
TDA8172
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com