Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZC
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZC Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZC Datasheet HTML 1Page - Renesas Technology Corp HZC Datasheet HTML 2Page - Renesas Technology Corp HZC Datasheet HTML 3Page - Renesas Technology Corp HZC Datasheet HTML 4Page - Renesas Technology Corp HZC Datasheet HTML 5Page - Renesas Technology Corp HZC Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HZC Series
Rev.2.00 Jul 04, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
tem
Symbol
Value
Unit
Power dissipation
Pd *
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
See Fig2.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability *
2
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
— (kV) *
2
Type No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
Min
HZC2.0
1.90
2.20
5
120.0
0.5
100
5
30
HZC2.2
2.10
2.40
5
120.0
0.7
100
5
30
HZC2.4
2.30
2.60
5
120.0
1.0
100
5
30
HZC2.7
2.50
2.90
5
120.0
1.0
110
5
30
HZC3.0
2.80
3.20
5
50.0
1.0
120
5
30
HZC3.3
3.10
3.50
5
20.0
1.0
130
5
30
HZC3.6
3.40
3.80
5
10.0
1.0
130
5
30
HZC3.9
3.70
4.10
5
10.0
1.0
130
5
30
HZC4.3
4.01
4.48
5
10.0
1.0
130
5
30
HZC4.7
4.42
4.90
5
10.0
1.0
130
5
30
HZC5.1
4.84
5.37
5
5.0
1.5
130
5
30
HZC5.6
5.31
5.92
5
5.0
2.5
80
5
30
HZC6.2
5.86
6.53
5
2.0
3.0
50
5
30
HZC6.8
6.47
7.14
5
1.0
3.5
30
5
30
HZC7.5
7.06
7.84
5
1.0
4.0
30
5
30
HZC8.2
7.76
8.64
5
0.5
5.0
30
5
30
HZC9.1
8.56
9.55
5
0.5
6.0
30
5
30
HZC10
9.45
10.55
5
0.5
7.0
30
5
30
HZC11
10.44
11.56
5
0.5
8.0
30
5
30
HZC12
11.42
12.60
5
0.5
9.0
35
5
30
HZC13
12.47
13.96
5
0.5
10.0
35
5
30
HZC15
13.84
15.52
5
0.5
11.0
40
5
30
HZC16
15.37
17.09
5
0.5
12.0
40
5
30
HZC18
16.94
19.03
5
0.5
13.0
45
5
30
HZC20
18.86
21.08
5
0.5
15.0
50
5
30
HZC22
20.88
23.17
5
0.5
17.0
55
5
30
HZC24
22.93
25.57
5
0.5
19.0
60
5
30
HZC27
25.10
28.90
2
0.5
21.0
70
2
30
HZC30
28.00
32.00
2
0.5
23.0
80
2
30
HZC33
31.00
35.00
2
0.5
25.0
80
2
25
HZC36
34.00
38.00
2
0.5
27.0
90
2
20
Notes: 1. Tested with pulse (Pw = 40 ms).
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com