Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS33
Description  Dual Value Chip Resistors, Center Tap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS33 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS33_08 Datasheet HTML 1Page - Vishay Siliconix CS33_08 Datasheet HTML 2Page - Vishay Siliconix CS33_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Value Chip Resistors, Center Tap
CS 33
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60067
24
Revision: 06-Oct-08
Chromium silicon thin film is very well suited to produce high
density and high ohmic value resistor chips. Performances
and sizes are greatly improved compared to Thick Film
counterparts. The center tap configuration offers a greater
flexibility for hybrid layout design.
FEATURES
• Center tap feature
• Small size 30 mil x 30 mil
• Very high ohmic values (up to 5 MΩ)
• Good stability 0.1 % (2000 h, rated power,
at + 70 °C)
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATIC
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TRACKING
TCR
100 ppm/°C
5 ppm/°C
ABS
RATIO
TOL.
0.5 %
0.5 %
RT = R1 + R2 with R1 = R2 Standard
R
1
R
2
R
T
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
PASSIVATED CHROMIUM SILICON
Resistance range
10 k
Ω to 5 MΩ
for RT = R1 + R2
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 155 °C
Absolute
± 100 ppm/°C (± 50 ppm/°C on request)
- 55 °C to + 155 °C
Ohmic value
Ratio
1/1 standard (unequal values: please consult)
Tolerance:
Absolute
± 0.5 %, ± 1 %, ± 2 %
Matching
± 0.5 % standard
Power rating
250 mW at + 25 °C, 125 mW at + 70 °C, 50 mW at + 125 °C
Stability
± 0.1 % typical, ± 0.2 maximum
2000 h at + 70 °C under Pn
Voltage coefficient
0.1 ppm/V
Working voltage
100 VDC on RT
Operating temperature range
- 55 °C to + 155 °C
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 20 dB typical
MIL-STD-202 Method 308
Thermal EMF
< 0.01 µV/°C
Shelf life stability
200 ppm
1 year at + 25 °C


Similar Part No. - CS33_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330075 ETC-CS330075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330090 ETC-CS330090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
More results

Similar Description - CS33_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S30R VISHAY-S30R Datasheet
257Kb / 3P
Center Tap Chip Resistor
01-May-03
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
Dual Value Chip Resistor, Center Tap
22-Jul-03
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
Dual Value Chip Resistor, Center Tap
27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
Dual Value, Chip Resistor Center Tap
24-Feb-06
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
Single Value Chip Resistors
11-Mar-14
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RMK55N VISHAY-RMK55N Datasheet
91Kb / 3P
Single Value Chip Resistors
06-Oct-08
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com