Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8174W Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8174W
Description  VERTICAL DEFLECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8174W Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8174W Datasheet HTML 1Page - STMicroelectronics TDA8174W Datasheet HTML 2Page - STMicroelectronics TDA8174W Datasheet HTML 3Page - STMicroelectronics TDA8174W Datasheet HTML 4Page - STMicroelectronics TDA8174W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC ELECTRICAL CHARACTERISTICS (continued
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V4
Reference Voltage
–I4 =20
µA
6.3
6.6
6.9
V
dV4/Vs
Reference Voltage Drift Versus Vs
Vs = 10V to 35V
1
2
mV/V
dV4/dI4
Reference Voltage Drift Versus I4
I4 =10
µAto 30µA
1.5
2
mV/
µA
Vr
Internal Reference Voltage
4.26
4.40
4.54
V
VD11-10
Diode Fwd Voltage
ID = 1.2A
2.2
3
V
VD1-2
Diode Fwd Voltage
ID = 1.2A
2.2
3
V
GV
Output Stage Open Loop Gain
f = 100Hz
60
dB
Vfs
V10-11 Saturation Voltage
–I11 = 1.2A
1.5
2.5
V
V11
Pin 11 Scanning Voltage
I11 = 20mA
1.7
3
V
V3
Trigger Input Threshold
(see note 1)
2.6
3.0
3.4
V
I3
Trigger Input Bias Current
VIN =V3- 0.2V
30
µA
t3
Trigger Input Width
(see note 2)
20
60
Th
µS
Notes : 1. The trigger input circuit can accept, with a metal option, positive and negative going input pulses.
2. Th
=
1.2
⋅ T
S
VPP
where : TS is the vertical period and VPP is ramp amplitude at Pin7
AC ELECTRICAL CHARACTERISTICS (VS = 24V ; Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Operating Supply Voltage Range
10
30
V
I1
Peak-to-peak Operating Current Range
0.4
A
Is
Supply Current
Iy = 2.4App
315
mA
V1
Flyback Voltage
Iy = 2.4App
51
V
V8
Sawtooth Pedestall Voltage
1.85
V
Tjs
Junction Temp. for Thermal Shutdown
145
°C
RAMP
GENE RATO R
VOLTAGE
REGULATOR
FLYBACK
GENERATOR
THE RMAL
P ROTE C TION
2
3
6
8
10
BUF FER
S TAGE
11
CLOC K
P ULS E
P OWE R
AMP.
R3
1
79
4
TR IG-INP
47nF
180k
Ω
220k
Ω
0.1
µF
470
µF
1N4 001
VS
100
µF
35V
2.2
Ω
0.22
µF
330
Ω
1.2k
Ω
1k
Ω
22
µF
1500
µF
1.2
Ω
2.4k
Ω
YOKE
Ry = 9.6
Ω
Ly = 24.6mH
Iy = 1.2App
TDA8174
APPLICATION CIRCUIT
TDA8174 - TDA8174W
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com