Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8176 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8176
Description  TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8176 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8176 Datasheet HTML 1Page - STMicroelectronics TDA8176 Datasheet HTML 2Page - STMicroelectronics TDA8176 Datasheet HTML 3Page - STMicroelectronics TDA8176 Datasheet HTML 4Page - STMicroelectronics TDA8176 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7
11
8
9
14
15
12
13
5
4
1
2
C1
D1
1N4001
C9
C3
0.1
µF
100
µF
SYNC.
INPUT
P1
R1
100k
Ω
Hold
P2
R2
Height
270k
Ω
100k
Ω
C2
C5
C4
0.1
µF
0.1
µF
P3
Linearity
R6
47k
Ω
5.6k
Ω
47k
Ω
C6
YOKE
10
Ω
C10
R11
R4
C8
C7
1000
µF
3.3
Ω
0.1
µF
220k
Ω
S
V
= 25V
TABS
TDA8176
25V
25V
500
µF
12pF
R9
10k
Ω
16V
R8
20k
Ω
R5
25
µF
10V
47k
Ω
R7
20mH
R3
82k
Ω
0.1
µF
1
Ω
R10
220k
Ω
AC TEST CIRCUITS
7
11
8
9
14
15
12
13
5
4
1
2
C1
D1
1N4001
C9
C3
35V
35V
0.1
µF
100
µF
470
µF
R12
SYNC.
INPUT
C11
R13
180
Ω
4.7k
Ω
0.1
µF
P1
R1
100k
Ω
150k
Ω
Hold
P2
R2
Height
270k
Ω
100k
Ω
C2
0.15
µF
R3*
680k
Ω
C5
C4
0.1
µF
0.1
µF
P3
Linearity
R6
R7**
R8**
R5**
47k
Ω
39k
Ω
5.6k
Ω
33k
Ω
47k
Ω
C6
25V
YOKE
25mH
R14
270
Ω
22
µF
10
Ω
R10*
0.5
Ω
C10
R11
R4
C12
6.8nF
C8
330pF
R9**
C7
25V
1000
µF
3.3
Ω
0.1
µF
220k
Ω
39k
Ω
S
V
= 25V
TABS
TDA8176
*
** Tolerance 2%
Tolerance 5%
Figure 1 :
Typical Application Circuit for large Screen 110° PIL TVC Set (Ry = 10
Ω ;
Ly = 25 mH ; Iy = 1.25 App).
TDA8176
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com