Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8177F Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8177F
Description  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8177F Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8177F Datasheet HTML 1Page - STMicroelectronics TDA8177F Datasheet HTML 2Page - STMicroelectronics TDA8177F Datasheet HTML 3Page - STMicroelectronics TDA8177F Datasheet HTML 4Page - STMicroelectronics TDA8177F Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (see note 1)
40
V
V6
Flyback Peak Voltage (Pin 6) (see note 1)
75
V
V1 , V7
Amplifier Input Voltage (Pins 1-7) (see note 1)
- 0.3, + VS
V
IO
Maximum Output Peak Current (see notes 2 and 3)
2.5
A
I3
Maximum Sink Current (t < 1ms)
2.5
A
I3
Maximum Source Current (t < 1ms) (in the diode, see Block Diagram)
2.5
A
VESD1
VESD2
ESD Susceptibility
Tool Model (see note 4)
Human Model (see note 5)
300
2
V
kV
V3 - V2
Voltage Difference between Flyback Supply and Supply Voltage
50
V
V3, V5, V6 Min. Voltage (see note 1)
-0.4
V
Toper
Operating Ambient Temperature
- 20, + 75
oC
Tstg
Storage Temperature
- 40, + 150
oC
Tj
Junction Temperature
+150
oC
Notes : 1. Versus Pin 4.
2. The output current can reach 4A peak for t
≤ 10µs (up to 120Hz).
3. Provided SOAR is respected (see Figures 1 and 2).
4. Equivalent to discharging a 200pF capacitor through a 0
Ω series resistor.
5. Equivalent to discharging a 150pF capacitor through a 1.5k
Ω series resistor.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
Tt
Temperature for Thermal Shutdown
150
oC
∆Tt
Hysteresis on Tt
10
oC
Tjr
Recommended Max. Junction Temperature
120
oC
ELECTRICAL CHARACTERISTICS
(VS = 35V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
10
35
V
V3M
Operating Flyback Supply Voltage
VS
70
V
I2
Pin 2 Quiescent Current
I3 = 0, I5 = 0
10
20
mA
I6
Pin 6 Quiescent Current
I3 = 0, I5 = 0
25
35
mA
IO
Max. Scanning Peak Output Current
1.5
A
I1
Amplifier Bias Current
V1 = 20V, V7 = 21V
- 0.4
- 2
µA
I7
Amplifier Bias Current
V1 = 21V, V7 = 20V
- 0.4
- 2
µA
VIO
Offset Voltage
0
7
mV
∆VIO/dt
Offset Drift versus Temperature
- 10
µV/oC
GV
Voltage Gain
80
dB
V5L
Output Saturation Voltage to GND (Pin 4)
I5 = 1.5A
1.0
2
V
V5H
Output Saturation Voltage to Supply (Pin 6)
I5 = - 1.5A
1.7
2.5
V
VD5 - 6
Diode Forward Voltage between Pins 5-6
I5 = 1.5A
1.5
2.1
V
VD3 - 6
Diode Forward Voltage between Pins 3-6
I3 = 1.5A
2.3
3
V
V3-6
Voltage Drop between Pins 3-6 (2nd part of flyback) I3 = - 1.5A
4
5
V
TDA8177F
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com