Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZU6.2G Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HZU6.2G
Description  Silicon Planar Zener Diode for Surge Absorption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU6.2G Datasheet(HTML) 3 Page - Renesas Technology Corp

  HZU6.2G Datasheet HTML 1Page - Renesas Technology Corp HZU6.2G Datasheet HTML 2Page - Renesas Technology Corp HZU6.2G Datasheet HTML 3Page - Renesas Technology Corp HZU6.2G Datasheet HTML 4Page - Renesas Technology Corp HZU6.2G Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HZU-G Series
Rev.3.00 Jun 08, 2006 page 3 of 4
Main Characteristic
250
200
150
100
50
200
150
100
50
0
0
1.5
1.5
0
10
-5
10
-7
10
-9
10
-11
10
-10
10
-6
10
-8
10
-4
10
-3
10
-2
4
812
2
10
6
HZU7.5G
HZU8.2G
HZU9.1G
HZU10G
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
Polyimide board
20h
× 15w × 0.8t
unit: mm
HZU12G
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
HZU5.1G
HZU5.6G
HZU6.2G
HZU6.8G
14
HZU13G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com