Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52045FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M52045FP
Description  PAL Video Chroma Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52045FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M52045FP Datasheet HTML 4Page - Renesas Technology Corp M52045FP Datasheet HTML 5Page - Renesas Technology Corp M52045FP Datasheet HTML 6Page - Renesas Technology Corp M52045FP Datasheet HTML 7Page - Renesas Technology Corp M52045FP Datasheet HTML 8Page - Renesas Technology Corp M52045FP Datasheet HTML 9Page - Renesas Technology Corp M52045FP Datasheet HTML 10Page - Renesas Technology Corp M52045FP Datasheet HTML 11Page - Renesas Technology Corp M52045FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M52045FP
Rev.2.00 Sep 14, 2006 page 8 of 13
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test
No.
Test Conditions
Circuit current
ICC
—
17
21
mA
1
Input standard color bar signal of VCC = 4 V.
SYNC SEP section
Vsync 1
2.20
2.30
2.40
SYNC tip voltage
Vsync 7
1.25
1.40
1.50
V
2
Measure each output signal SYNC tip
voltage at pins (1), (7) when standard color
bar signal of 0.7 Vp-p is input.
Vsync H
2.7
3.1
3.4
SYNC output
amplitude
Vsync L
2.7
3.1
3.4
Vp-p
3
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the output amplitude at
pin (4) when the input SYNC pulse
amplitudes are 0.2 and 0.05 Vp-p.
Tsync H
3.7
4.7
5.7
SYNC output
pulse width
Tsync L
3.7
4.7
5.7
µs
4
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the output amplitude at
pin (4) when the input SYNC pulse
amplitudes are 0.2 and 0.05 Vp-p.
Dsync H
3.7
4.7
6.0
SYNC output
pulse delay
Dsync L
3.7
4.7
6.0
µs
5
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the pulse width + delay
time when the input SYNC pulse amplitudes
are 0.2 and 0.05 Vp-p.
Video section
VLPF (L)
1.45
1.55
—
MHz
YLPF frequency
characteristics
(Pin (7) )
VLPF (H)
–30
–24
–21
dB
6
Measure the frequency at which the sine
wave output amplitude is –3 dB when the
input signal (
) 0.2 Vp-p
is input. Also measure the output gain at
input sine wave 3.58 MHz.
Maximum output
Ymax
1.1
1.4
1.7
Vp-p
7
Input standard staircase wave of 0.7 Vp-p.
Measure the output amplitude at pin (12)
when V9 is 0 V.
Video amplifier
gain
Gymax
4.0
6.0
8.0
dB
8
Input standard staircase wave of 0.7 Vp-p.
Calculate the ratio between the output
amplitude at pin (12) and input amplitude
when V9 is 1.7 V.
Yctrast (1)
1.20
2.45
4.50
Yctrast (2, 5)
–7.3
–5.0
–2.7
Contrast control
characteristics
Yctrast (3, 5)
—
–30
–17
dB
9
Input standard staircase wave of 0.7 Vp-p,
and calculate the ratio of the input amplitude
to the output amplitude in Test No.8 above
when V9 is changed to 1 V, 2.5 V and 3.5 V.
XPIX (4)
–3.5
–2.0
–0.5
dB
PIX control
characteristics
XPIX (0)
10.0
12.0
14.0
dB
10
Input 1.5 MHz sine wave of 0.2 Vp-p to the
input. Measure the output amplitude at pin
(12) when V9 is 1.7 V, and V14 is charged
to 2, 4 and 0 V and calculate the ratio
between the input resectively and the output
amplitude when V14 = 2 V.
Y AMP gain
Gymap
9.1
11.0
12.6
dB
11
Input standard staircase wave of 0.7 Vp-p
and calculate the ratio between the output
amplitudes at pin (8) and input amplitude.
PED offset level
Vped
0.00
0.05
0.06
—
12
When input SYNC pulse at 0.2 Vp-p,
measure pin (12) output pedestal offset and
calculate ratio of the offset to that when 0.7
Vp-p standard staircase is input.
0.2 Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com