Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52334FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M52334FP
Description  PLL-Split VIF/SIF IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52334FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M52334FP Datasheet HTML 9Page - Renesas Technology Corp M52334FP Datasheet HTML 10Page - Renesas Technology Corp M52334FP Datasheet HTML 11Page - Renesas Technology Corp M52334FP Datasheet HTML 12Page - Renesas Technology Corp M52334FP Datasheet HTML 13Page - Renesas Technology Corp M52334FP Datasheet HTML 14Page - Renesas Technology Corp M52334FP Datasheet HTML 15Page - Renesas Technology Corp M52334FP Datasheet HTML 16Page - Renesas Technology Corp M52334FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M52334FP
Rev.2.00 Jun 14, 2006 page 13 of 18
Pin Description
Pin 1 (EQ OUT)
Internal driving current: 3 mA
1
1.4 VO-P
An output amplitude is positive 2.2 VP-P in the case of 87.5%
video modulation.
Pin 2 (APC FILTER)
2
Bias
+
In the locked state, the cut-off frequency of the filter is
adjusted effectively by an external resistor so that it will be in
the range of around 30 to 200 kHz.
In case the cut-off frequency is lower, the pull-in speed
becomes slow. On the other hand, a higher cut-off frequency
widen the pull-in range and band width, which results in a
degradation in the S/N ratio. So, in the actual TV system
design, the appropriate constant should be chosen for getting
desirable performance considering above conditions.
(V2)
3.0 VO-P
fo
(IF input frequency)
(FM mod. frequency)
100 kHz
(Pin 2 output)
12 k
Pin 3 (EQ IN)
It is an open-base input.
The IF AGC does not work correctly, unless a DC element of
pin 8 output is applied to it.
3
Pin 4 (Vreg. OUT)
It is a regulated 5 V output which has current drive capability
of approximately 10 mA.
+
10.5 k
3.8 k
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com