Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS1102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMS1102
Description  Standard 0603 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMS1102 Datasheet HTML 1Page - Vishay Siliconix TLMS1102 Datasheet HTML 2Page - Vishay Siliconix TLMS1102 Datasheet HTML 3Page - Vishay Siliconix TLMS1102 Datasheet HTML 4Page - Vishay Siliconix TLMS1102 Datasheet HTML 5Page - Vishay Siliconix TLMS1102 Datasheet HTML 6Page - Vishay Siliconix TLMS1102 Datasheet HTML 7Page - Vishay Siliconix TLMS1102 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 84752
Rev. 1.4, 24-Sep-07
Vishay Semiconductors
TLMS1102
Note:
1) Tamb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for short term application.
Note:
1) Tamb = 25 °C, unless otherwise specified
2) In one Packing Unit IVmax/IVmin £ 1.6
ABSOLUTE MAXIMUM RATINGS1) TLMS1102
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage2)
VR
12
V
Forward current
Tamb ≤ 40 °C, tp ≤ 1s,tp/T ≤ 0.1
IF
60
mA
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.5
A
Power dissipation
PV
90
mW
Junction temperature
Tj
120
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
acc. Vishay spec
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 5 mm2)
RthJA
480
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMS1102, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 60 mA
IV
100
250
mcd
Dominant wavelength
IF = 60 mA
λ
d
627
633
639
nm
Peak wavelength
IF = 60 mA
λ
p
645
nm
Angle of half intensity
IF = 60 mA
ϕ
± 80
deg
Forward voltage
IF = 60 mA
VF
2.1
3.0
V
Reverse voltage
IR = 10 µA
VR
6V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (MCD)
MIN
MAX
Wa
100
160
Wb
125
200
Xa
160
250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com