Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS3202 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMS3202
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3202 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMS3202 Datasheet HTML 1Page - Vishay Siliconix TLMS3202 Datasheet HTML 2Page - Vishay Siliconix TLMS3202 Datasheet HTML 3Page - Vishay Siliconix TLMS3202 Datasheet HTML 4Page - Vishay Siliconix TLMS3202 Datasheet HTML 5Page - Vishay Siliconix TLMS3202 Datasheet HTML 6Page - Vishay Siliconix TLMS3202 Datasheet HTML 7Page - Vishay Siliconix TLMS3202 Datasheet HTML 8Page - Vishay Siliconix TLMS3202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Semiconductors
TLMK/O/S/Y320.
Document Number 83146
Rev. 1.5, 24-Sep-07
www.vishay.com
1
Power SMD LED PLCC-4
DESCRIPTION
The TLM.32.. series is an advanced development in
terms of heat dissipation.
The leadframe profile of this PLCC-3 SMD package is
optimized to reduce the thermal resistance.
This allows higher drive current and doubles the light
output compared to Vishay’s high intensity SMD LED
in PLCC-2 package.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-4
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• Utilizing AlInGaP technology
• Available in 8 mm tape
• Luminous intensity, color and forward
voltage categorized per packing unit
• Luminous intensity ratio per packing unit
IVmax/IVmin ≤ 1.6
• ESD class 2
• Suitable for all soldering methods
according to CECC
• Lead (Pb)-free device
APPLICATIONS
• Traffic Signals and Signs
• Interior and exterior lighting
• Dashboard illumination
• Indicator and backlighting purposes for audio,
video,
LCDs
switches,
symbols,
illuminated
advertising etc.
19210
e3
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
DOMINANT WAVELENGTH
TLMK3200
Red, IV > 200 mcd (typ. 500 mcd)
611 nm to 622 nm
TLMK3201
Red, IV = (250 to 800) mcd
611 nm to 622 nm
TLMK3202
Red, IV = (320 to 800) mcd
611 nm to 622 nm
TLMK3203
Red, IV = (400 to 1250) mcd
611 nm to 622 nm
TLMS3200
Red, IV > 160 mcd (typ. 300 mcd)
626 nm to 638 nm
TLMS3201
Red, IV = (160 to 400) mcd
626 nm to 638 nm
TLMS3202
Red, IV = (250 to 800) mcd
626 nm to 638 nm
TLMO3200
Soft orange, IV > 200 mcd (typ. 500 mcd)
600 nm to 611 nm
TLMO3201
Soft orange, IV = (250 to 800) mcd
600 nm to 611 nm
TLMO3202
Soft orange, IV = (320 to 800) mcd
600 nm to 611 nm
TLMO3203
Soft orange, IV = (400 to 1250) mcd
600 nm to 611 nm
TLMY3200
Yellow, IV > 200 mcd (typ. 450 mcd)
583 nm to 594 nm
TLMY3201
Yellow, IV = (250 to 800) mcd
583 nm to 594 nm
TLMY3202
Yellow, IV = (320 to 800) mcd
583 nm to 594 nm
TLMY3203
Yellow, IV = (400 to 1250) mcd
583 nm to 594 nm


Similar Part No. - TLMS3202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS32S2U1-GS18 VISHAY-TLMS32S2U1-GS18 Datasheet
309Kb / 15P
Power SMD LED PLCC-4
22-Feb-08
TLMS32S2V1-GS18 VISHAY-TLMS32S2V1-GS18 Datasheet
309Kb / 15P
Power SMD LED PLCC-4
22-Feb-08
TLMS32T1U2-GS18 VISHAY-TLMS32T1U2-GS18 Datasheet
309Kb / 15P
Power SMD LED PLCC-4
22-Feb-08
More results

Similar Description - TLMS3202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
Power SMD LED PLCC-4
05-May-08
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
Power SMD LED PLCC-4
20-Jul-07
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
Power SMD LED PLCC-4
30-Jul-08
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
Power SMD LED PLCC-4
25-Apr-13
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
Power SMD LED PLCC-4
16-May-13
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
Power SMD LED PLCC-4
30-Apr-13
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
Power SMD LED PLCC-4
16-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
Power SMD LED PLCC-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com