Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8199 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8199
Description  STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8199 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8199 Datasheet HTML 1Page - STMicroelectronics TDA8199 Datasheet HTML 2Page - STMicroelectronics TDA8199 Datasheet HTML 3Page - STMicroelectronics TDA8199 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Chan Right
Chan Left
V
= 0.5 V
f = 1kHz
IN
RMS
VOLUME CONTROL (V)
08
246
-90
-20
-10
20
10
0
-30
-40
-50
-60
-70
-80
Figure 1 : Gain versus Volume Control
Chan Right
Chan Left
f = 1kHz
IN
RMS
V
= 0.25 V
C
V
(V)
2.6
5
3
3.4
3.8
4.2
4.6
0.1
0.8
0.2
0.3
0.4
0.5
0.6
0.7
Figure 2 : Distortion versus Volume Control
Chan Right
Chan Left
C
V= 5V
V
RMS
VOLTAGE INPUT (m
) (thousands)
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
Figure 3 : Distortion Rate versus Voltage Input
Chan Right
Chan Left
C
V= 5V
C
V= 0V
VOLTAGE SUPPLY (V)
-15
-20
-25
-30
-35
-40
-45
-50
10
12
14
16
IN
V
= 0.5V
RMS
f = 100Hz
Figure 4 : Supply Voltage Rejection
3
6
VOLUME
CONTROL
2
+V
S
REFERE NCE
VOLTAGE
RIGHT
OUP UT
LEFT
OUTP UT
R L 10kΩ
R L
10k
Ω
4
1
7
VOLUME
CONTROL
(0.5 to 4.5V)
RIGHT
INPUT
5
LEFT
INPUT
IMPEDANCE
ADAP TER
8
2.2
µF
2.2
µF
1
µF
1
µF
V
REF
6.9V
TDA8199
VOLUME
CONTROL
IMPEDANCE
ADAP TER
1k
Ω
1k
Ω
APPLICATION DIAGRAM
TDA8199
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com