Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8204B Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8204B
Description  NICAM DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8204B Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8204B Datasheet HTML 1Page - STMicroelectronics TDA8204B Datasheet HTML 2Page - STMicroelectronics TDA8204B Datasheet HTML 3Page - STMicroelectronics TDA8204B Datasheet HTML 4Page - STMicroelectronics TDA8204B Datasheet HTML 5Page - STMicroelectronics TDA8204B Datasheet HTML 6Page - STMicroelectronics TDA8204B Datasheet HTML 7Page - STMicroelectronics TDA8204B Datasheet HTML 8Page - STMicroelectronics TDA8204B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN ASSIGMENT
Pin N
o
PIn Name
Function
Pin N
o
Pin Name
Function
1
GND
Ground
22
GND
Ground
2
DACDR
PWM Data Output Right
23
ER
Error Monitor Flag Output
3
DACDL
PWM Data Output Left
24
RESET
Reset
4
SERI
Inter Chip Serial Bus Output
25
MUTE
NICAM Mute
5VDD
+5V Supply
26
GND
Ground
6
RSW
Reserve Sound Switch
Status/Control
27
DDI
Descrambled Data Input
7
HA0
Hardware Address Selection
28
DDO
Descrambled Data Output
8
TEST0
To be connected to VDD or GND
29
FID
Frame Identification Flag Output
9
US2
User bit 2 (input)
30
PDV
Parity Data Valid Flag Output
10
US1
User bit 1 (output)
31
ADV
Additional Data Valid Flag Output
11
US0
User bit 0 (output)
32
VDD
+5V Supply
12
SCL
I
2C Bus Clock
33
DV
Data Valid Flag Output
13
SDA
I
2C Bus Data
34
SEL1
Language Selection 1 Input
14
SD
I
2S Bus Data
35
SEL0
Language Selection 0 Input
15
SCK
I
2S Bus Clock
36
TEST1
Not to be connected
16
WS
I
2S Bus Word Select
37
TEST
To be connected to GND
17
VDD
+5V Supply
38
GND
Ground
18
C4
Application Control Bit 4 Flag
39
NDI
NICAM Data Input
19
C3
Application Control Bit 3 Flag
40
CK728
728kHz bit Clock Output
20
C2
Application Control Bit 2 Flag
41
TEST2
Not to be connected
21
C1
Application Control Bit 1 Flag
42
CK11648
11.648MHz bit Clock Input
24
14
15
16
34
35
4
7
8
9
10
11
2
3
12
13
18
19
20
21
25
30
37
6
27
28
31
33
40
42
SERIAL
BUS
DIGITAL
FILTER
I C INTERFACE
I S
NOISE
FILTER
2
2
RESET
CK728
CK11648
DACDL
DACDR
SCL
SDA
SERI
23
29
41 36
122
26 38
517
32
NICAM DECODER
39
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
7
V
Ptot
Total Power Dissipation
1.2
W
Toper
Operating Temperature Range
0, + 70
oC
Tstg
Storage Temperature Range
- 20, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Thermal Resistance Juntion-ambient
Max.
67
oC/W
TDA8204B
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com