Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8214B Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8214B
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214B Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8214B Datasheet HTML 1Page - STMicroelectronics TDA8214B Datasheet HTML 2Page - STMicroelectronics TDA8214B Datasheet HTML 3Page - STMicroelectronics TDA8214B Datasheet HTML 4Page - STMicroelectronics TDA8214B Datasheet HTML 5Page - STMicroelectronics TDA8214B Datasheet HTML 6Page - STMicroelectronics TDA8214B Datasheet HTML 7Page - STMicroelectronics TDA8214B Datasheet HTML 8Page - STMicroelectronics TDA8214B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Vcc2
Vcc1
YOKE
Vcc1
Vcc1
Σ
+
-
detector
Frame
blanking
detector
Frame-Synchro
generator
Frame
oscillator
Line
oscillator
Output
stage
generator
Power
stage
8
19
20
18
1
2
9
3
4
10
7
17
11
13
14
Video
Identification
Video
Input
Line
Flyback
2
µs
Input
stage
2
µs
Burst gate pulse
generator
Flyback
Line flyback
Phase
detector
12
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC1
Supply Voltage
30
V
VCC2
Flyback Generator Supply Voltage
35
V
V9
Frame Power Supply Voltage
60
V
I10NR
Frame Output Current (non repetitive)
± 1.5
A
I10
Frame Output Current (continuous)
± 1A
V17
Line Output Voltage (external)
60
V
IP17
Line Output Peak Current
0.8
A
IC17
Line Output Continuous Current
0.4
A
TSTG
Storage Temperature
-40 to + 150
oC
TJ
Max Operating Junction Temperature
+ 150
oC
TAMB
Operating Ambient Temperature
0 to 70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
RTH(j-c)
Max Junction-case Thermal Resistance
10
oC/W
RTH(j-a)
Typical Junction-ambient Thermal Resistance
(Soldered on a 35
µm thick 45cm
2
PC Board copper area)
40
oC/W
TJ
Max Recommended Junction Temperature
120
oC
TDA8214B
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com