Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8218 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8218
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8218 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8218 Datasheet HTML 1Page - STMicroelectronics TDA8218 Datasheet HTML 2Page - STMicroelectronics TDA8218 Datasheet HTML 3Page - STMicroelectronics TDA8218 Datasheet HTML 4Page - STMicroelectronics TDA8218 Datasheet HTML 5Page - STMicroelectronics TDA8218 Datasheet HTML 6Page - STMicroelectronics TDA8218 Datasheet HTML 7Page - STMicroelectronics TDA8218 Datasheet HTML 8Page - STMicroelectronics TDA8218 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC1 =10 V, TAMB =25
oC (unless otherwise specified )
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLY (Pin 1)
ICC1
Supply Current
15
22
mA
VCC1
Supply Voltage
9
10
10.5
V
VIDEO INPUT (Pin 20)
V20
Reference Voltage (I20 = -1
µA)
1.4
1.75
2
V
MWF
Minimum Width of Frame Pulse
(when synchronized with TTL signal)
50
µs
LINE OSCILLATOR (Pin 11)
LT11
Low Threshold Voltage
2.8
3.2
3.6
V
HT11
High Threshold Voltage
5.4
6.6
7.8
V
BI11
Bias Current
100
nA
DR11
Discharge Impedance
1.0
1.4
1.8
k
Ω
FLP1
Free Running Line Period
(R = 34.9k
Ω Tied to VCC1, C = 2.2nF Tied to Ground)
62
64
66
µs
OT11
Oscillator Threshold for Line Output
Pulse Triggering
4.6
V
∆F
∆θ
Horizontal Frequency Drift with Temperature (see application)
2
Hz/
oC
LINE OUTPUT (Pin 17)
LV17
Saturation Voltage (I17 = 200mA)
1.1
1.6
V
OPW
Output Pulse width (line period = 64
µs)
26
28
30
µs
LINE SAWTOOTH INPUT (Pin 13)
V13
Bias Voltage
1.8
2.4
3.2
V
Z13
Input Impedance
4.5
5.8
8
k
Ω
PHASE DETECTOR (Pin 12)
I12
Output Current During Synchro Pulse
250
350
500
µA
RI12
Current Ratio (positive/negative)
0.95
1
1.05
LI12
Leakage Current
-2
+2
µA
CV12
Control RangeVoltage
2.60
7.10
V
FRAME BLANKING GENERATOR (Pin 8)
External R.C. Network (Typical values : R = 100k
Ω, C = 22nF)
Tfb
Blanking Time (PIn 19, Tfb = K8 .R.C.)
1.35
ms
K8
Time Blanking Coefficient
0.588
0.613
0.644
IO8
Output Current during the Frame Blanking : V8 = 2V
- 0.2
1
µA
II8
Input Current after the Frame Blanking : V8 = 7V
300
450
600
µA
FRAME OSCILLATOR (Pin 2)
LT2
Low Threshold Voltage
1.6
2.0
2.3
V
HT2
High Threshold Voltage
2.6
3.1
3.6
V
DIF2
LT2 - HT2
1.0
V
BI2
Bias Current
30
nA
DR2
Discharge Impedance
300
470
700
Ω
FFP1
Free Running Frame Period
(R = 866k
Ω Tied to VCC1, C = 220nF Tied to Ground)
20.5
23
25
ms
MFP
Minimum Frame Period (I20 = -100
µA) with the Same RC
12.8
ms
FPR
Frame Period Ratio = FFP/MFP
1.7
1.8
1.9
TDA8218
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com