Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2PH9 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2PH9
Description  High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH9 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2PH9 Datasheet HTML 1Page - Vishay Siliconix SS2PH9 Datasheet HTML 2Page - Vishay Siliconix SS2PH9 Datasheet HTML 3Page - Vishay Siliconix SS2PH9 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SS2PH9 & SS2PH10
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 84682
Revision: 19-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 15 x 15 mm copper pad areas. RθJL is measured
at the terminal of cathode band. RθJC is measured at the top center of the body
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage (1)
IF = 2.0 A
IF = 2.0 A
TJ = 25 °C
TJ = 125 °C
VF
0.77
0.62
0.80
0.66
V
Maximum reverse current at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
0.1
60
1.0
500
µA
Typical junction capacitance
4.0 V, 1 MHz
CJ
65
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH9
SS2PH10
UNIT
Typical thermal resistance (1)
RθJA
RθJL
RθJC
110
15
25
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2PH9-E3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH9-E3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2PH9HE3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH9HE3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
2.5
2.0
1.5
1.0
0.5
0
25
50
75
100
125
150
175
TL - Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
50
40
30
20
10
0
1
10
100
Number of Cycles at 50 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com