Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3P4LHM3/86A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS3P4LHM3/86A
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3P4LHM3/86A Datasheet(HTML) 2 Page - Vishay Siliconix

  SS3P4LHM3/86A Datasheet HTML 1Page - Vishay Siliconix SS3P4LHM3/86A Datasheet HTML 2Page - Vishay Siliconix SS3P4LHM3/86A Datasheet HTML 3Page - Vishay Siliconix SS3P4LHM3/86A Datasheet HTML 4Page - Vishay Siliconix SS3P4LHM3/86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SS3P3L & SS3P4L
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88986
Revision: 30-Jul-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Units mounted on recommended P.C.B. 1 oz. pad layout
Note:
(1) High reliability/automotive grade (AEC-Q101 qualified)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage (1)
IF = 1.5 A
IF = 3.0 A
TA = 25 °C
VF
0.384
0.427
-
0.47
V
IF = 1.5 A
IF = 3.0 A
TA = 125 °C
0.268
0.335
-
0.38
Maximum reverse current (2)
rated VR
TA = 25 °C
TA = 125 °C
IR
61.8
26.7
250
40
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
280
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS3P3L
SS3P4L
UNIT
Typical thermal resistance
RθJA
(1)
RθJL
60
3
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS3P4L-E3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS3P4L-E3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS3P4LHE3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS3P4LHE3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
SS3P4L-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS3P4L-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS3P4LHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS3P4LHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com