Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5P9 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS5P9
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS5P9 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS5P9 Datasheet HTML 1Page - Vishay Siliconix SS5P9 Datasheet HTML 2Page - Vishay Siliconix SS5P9 Datasheet HTML 3Page - Vishay Siliconix SS5P9 Datasheet HTML 4Page - Vishay Siliconix SS5P9 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
SS5P9 & SS5P10
Vishay General Semiconductor
Document Number: 88984
Revision: 29-Jul-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Current Density Surface Mount
Schottky Barrier Rectifiers
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power
losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94V-0 flammability
rating.
Base P/N-E3 - RoHS compliant, commercial grade
Base P/N-M3 - halogen-free and RoHS compliant,
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 and M3 suffix meets JESD 201 class 1A whisker
test
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
freewheeling
diodes,
dc-to-dc
converters and polarity protection application.
PRIMARY CHARACTERISTICS
IF(AV)
5.0 A
VRRM
90 V, 100 V
IFSM
150 A
VF at IF = 5.0 A
0.649 V
IR
4.5 µA
TJ max.
150 °C
K
2
1
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS5P9
SS5P10
UNIT
Device marking code
S59
S510
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
5.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Non-repetitive avalanche energy
at IAS = 2 A, TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS5P9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS5P9 VISHAY-SS5P9 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS5P9 VISHAY-SS5P9 Datasheet
108Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
24-Apr-2020
SS5P9 VISHAY-SS5P9_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS5P9 VISHAY-SS5P9_V01 Datasheet
108Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
24-Apr-2020
More results

Similar Description - SS5P9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-May-08
SS8P2L VISHAY-SS8P2L Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
30-Jul-08
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
SS3P3L VISHAY-SS3P3L_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com