Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9102
Description  H/V PROCESSOR FOR TTL V.D.U
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9102 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9102 Datasheet HTML 1Page - STMicroelectronics TDA9102 Datasheet HTML 2Page - STMicroelectronics TDA9102 Datasheet HTML 3Page - STMicroelectronics TDA9102 Datasheet HTML 4Page - STMicroelectronics TDA9102 Datasheet HTML 5Page - STMicroelectronics TDA9102 Datasheet HTML 6Page - STMicroelectronics TDA9102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA9102C
H/V PROCESSOR FOR TTL V.D.U
May 1996
POWERDIP20 (0.4)
(Plastic package)
ORDER CODES : TDA9102C
HORIZONTAL SECTION
.
SYNCHRONIZATION INPUT : TTL COMPAT-
IBLE, NEGATIVE EDGE TRIGGERED
.
SYNCHRONIZATION INDEPENDENT FROM
DUTY CYCLE TIME
.
OSCILLATOR : FREQUENCY RANGE FROM
15kHz to 100kHz
.
HORIZONTAL
OUTPUT
PULSE
SHAPER
AND SHIFTER
.
PHASE
COMPARATOR
BETWEEN
SYN-
CHRO AND OSCILLATOR (PLL1)
.
PHASE COMPARATOR BETWEEN FLYBACK
AND OSCILLATOR (PLL2)
.
INTERNAL VOLTAGE REGULATOR
.
DC COMPATIBLE CONTROLS FOR PHASE
AND FREQUENCY
.
HORIZONTAL OUTPUT DUTY CYCLE : 41%
VERTICAL SECTION
.
SYNCHRONIZATION INPUT : TTL COMPAT-
IBLE, NEGATIVE EDGE TRIGGERED
.
SYNCHRONIZATION INDEPENDENT FROM
DUTY CYCLE TIME
.
OSCILLATOR : FREQUENCY RANGE FROM
30Hz to 120Hz
.
RAMP GENERATOR WITH VARIABLE GAIN
STAGE
.
VERTICAL RAMP VOLTAGE REFERENCE
.
INTERNAL VOLTAGE REGULATOR
.
DC COMPATIBLE CONTROLS FOR FRE-
QUENCY, AMPLITUDE AND LINEARITY
DESCRIPTION
The TDA9102C is a monolithic integrated circuit for
horizontal and vertical sync processing in mono-
chrome and color video displays driven by input
TTL compatible signals.
The TDA9102C is supplied in a 20 pin dual in line
package with pin 11 connected to ground and used
for heatsinking.
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
Horizontal Phase Adjust
Phase Comparator 2 Output
Horizontal Flyback Input
Horizontal Output
Horizontal Power Ground
C5
Horizontal TTL Input
Phase Comparator 1 Output
C2
R1
Substrate Ground
Vertical Frequency Preset
C13
Vertical TTL Input
Vertical Ramp Output
Vertical Amplitude Adjust
Vertical Linearity Adjust
Linearity Output
Vertical Reference Voltage
V
S
PIN CONNECTIONS
1/7


Similar Part No. - TDA9102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102T STMICROELECTRONICS-TDA9102T Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
More results

Similar Description - TDA9102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA8102B STMICROELECTRONICS-TDA8102B Datasheet
227Kb / 7P
H/V PROCESSOR FOR TTK V.D.U
Dec-1992
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
logo
Renesas Technology Corp
TW8836 RENESAS-TW8836 Datasheet
224Kb / 3P
LCD Video Processor with Built-In Decoder, TTL/LVDS Inputs, MCU, OSD, and TTL/LVDS Panel Interface
logo
HiSilicon(Shanghai) Tec...
HI3535 HISILICON-HI3535 Datasheet
331Kb / 7P
H.264 CODEC Processor
HI3536C HISILICON-HI3536C Datasheet
199Kb / 3P
H.265 CODEC Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com