Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS10P3CLHM3/86A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS10P3CLHM3/86A
Description  High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P3CLHM3/86A Datasheet(HTML) 1 Page - Vishay Siliconix

  SS10P3CLHM3/86A Datasheet HTML 1Page - Vishay Siliconix SS10P3CLHM3/86A Datasheet HTML 2Page - Vishay Siliconix SS10P3CLHM3/86A Datasheet HTML 3Page - Vishay Siliconix SS10P3CLHM3/86A Datasheet HTML 4Page - Vishay Siliconix SS10P3CLHM3/86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
SS10P2CL & SS10P3CL
Vishay General Semiconductor
Document Number: 89036
Revision: 30-Jul-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Current Density Surface Mount
Dual Common-Cathode Schottky Rectifiers
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power
losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94V-0 flammability
rating.
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC-Q101 qualified)
Base P/N-M3 - halogen-free and RoHS compliant,
commercial grade
Base P/NHM3 - halogen-free and RoHS compliant,
high reliability/automotive grade (AEC-Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 and M3 suffix meets JESD 201 class 1A whisker
test, HE3 and HM3 suffix meets JESD 201 class 2
whisker test
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
freewheeling
diodes,
dc-to-dc
converters and polarity protection applications.
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
20 V, 30 V
IFSM
200 A
EAS
20 mJ
VF at IF = 5 A
0.338 V
TJ max.
150 °C
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS10P2CL
SS10P3CL
UNIT
Device marking code
S102CL
S103CL
Maximum repetitive peak reverse voltage
VRRM
20
30
V
Maximum average forward rectified current (Fig. 1)
total device
per diode
IF(AV)
10
5.0
A
Peak forward surge current 10 ms single half sine-wave superimposed
on rated load per diode
IFSM
200
A
Non-repetitive avalanche energy at 25 °C, IAS = 2 A per diode
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS10P3CLHM3/86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10P3CL VISHAY-SS10P3CL Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
10-May-11
SS10P3CL VISHAY-SS10P3CL Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
SS10P3CL VISHAY-SS10P3CL Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
13-Jan-15
SS10P3CL VISHAY-SS10P3CL Datasheet
104Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifiers
30-Jul-2021
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
More results

Similar Description - SS10P3CLHM3/86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS6P4C VISHAY-SS6P4C Datasheet
95Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
10-May-11
SS8P3C VISHAY-SS8P3C_11 Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
10-May-11
SS10P2CL VISHAY-SS10P2CL_11 Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
10-May-11
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
13-Jan-15
SS10P2CL VISHAY-SS10P2CL_V01 Datasheet
104Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifiers
30-Jul-2021
SS6P4C VISHAY-SS6P4C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
24-Apr-2020
SS8P3C VISHAY-SS8P3C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
13-May-2020
SS8P5C VISHAY-SS8P5C_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com