Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9102F Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9102F
Description  H/V PROCESSOR FOR TTL V.D.U
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9102F Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9102F Datasheet HTML 1Page - STMicroelectronics TDA9102F Datasheet HTML 2Page - STMicroelectronics TDA9102F Datasheet HTML 3Page - STMicroelectronics TDA9102F Datasheet HTML 4Page - STMicroelectronics TDA9102F Datasheet HTML 5Page - STMicroelectronics TDA9102F Datasheet HTML 6Page - STMicroelectronics TDA9102F Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
18
V
VSYNC
Sync Input Peak Voltage
+ VS
V
IOH
Output Sinking Peak Current (Pin 7 ; t < 3
µs)
2
A
I15
Output Current (Pin 15)
- 10
mA
I19
Output Current (Pin 19)
- 10
mA
Ptot
Total power dissipation
q
Tamb < 70
oC
q
Tpin < 90
oC
1.4
1.5
W
W
Tstg , Tj
Storage and Junction Temperature
- 40 to 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction-case Thermal Resistance
40
oC/W
Rth(j-a)
Junction-ambient Thermal Resistance
55
oC/W
ELECTRICAL CHARACTERISTICS
(Tamb = 25
oC, VS = 12V, refer to the test circuits, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
HORIZONTAL SECTION
VS
Supply Voltage Range
10.5
12
15.5
V
IS
Supply Current
40
70
mA
V1
Voltage Reference at Pin 1
I1 = 0.5mA
3.2
3.5
3.8
V
I1
Current at Pin 1
- 1
mA
V2
Voltage Swing at Pin 2
3.7
4
4.3
VPP
K0
Free Running Frequency Constant
fo = 1/(K0 x R1 x C2)
3.7
4
4.3
V3 - V1 Control Voltage Range
(See technical note 1)
1.6
2.5
V
I3
Peak Control Current
3
mA
K3
Gain Phase Comparator
φ1
K3 = 2 x I3 / 360
17
µA
degree
V4
Sync Threshold Input (neg. edge)
q
Sync high
q
Sync low
28
0.8
V
V
I4
Current at Pin 4
q
Input high
q
Input low
- 10
10
µA
µA
T4
Input Pulse Duration T = 1/fH
@ fH = 27.64kHz
1
0.9T
µs
V5
Monostable Threshold
5.6
6
6.4
V
t5
Internal Pulse Width (t5 = C5 x V5 /I5)
C5 = 220 pF
(see technical note 2)
3.6
µs
t7
Output Pulse Duration (low) - T = 1/fH
fH = 27kHz
fH = 70kHz
0.44T
0.41T
0.48T
0.45T
0.52T
0.49T
µs
µs
V7 sat
Output Saturation Voltage
I7 = 600 mA
1.2
2.5
V
tD
Permissible delay between output pulse
leading edge and flyback pulse leading edge
(for keeping a constant duty cycle) ; T
=
1
fH
See technical note 4
@ fH = 27kHz
0.48 T - t FLY
s
IFLY
Flyback Input Current at Pin 8
q
Flyback On
q
Flyback Off
0.7
-1
2mA
mA
V8
Clamp voltage at Pin 8
q
I8 = 1mA
q
I8 = - 1mA
0.6
- 0.6
V
V
I8
Current for switching low the output pulse
0.7
2
mA
I9
Peak control current
0.9
mA
TDA9102F
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com