Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA23L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SSA23L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA23L Datasheet(HTML) 1 Page - Vishay Siliconix

  SSA23L Datasheet HTML 1Page - Vishay Siliconix SSA23L Datasheet HTML 2Page - Vishay Siliconix SSA23L Datasheet HTML 3Page - Vishay Siliconix SSA23L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SSA23L & SSA24
Vishay General Semiconductor
Document Number: 88882
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Current Density Surface Mount Schottky Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-214AC (SMA)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
30 V, 40 V
IFSM
60 A
EAS
11.25 mJ
VF
0.38 V, 0.42 V
TJ max.
150 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSA23L
SSA24
UNIT
Device marking code
23L
S24
V
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRMS
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified currentat TL (Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single halfsine-wave
superimposed on rated load
IFSM
60
A
Non-repetitive avalanche energy at TA = 25 °C, IAS = 1.5 A, L = 10 mH
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 150
°C


Similar Part No. - SSA23L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSA23L VISHAY-SSA23L Datasheet
79Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
02-Apr-04
SSA23L VISHAY-SSA23L Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
20-Apr-11
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSA23L VISHAY-SSA23L Datasheet
88Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
17-Dec-12
SSA23L VISHAY-SSA23L Datasheet
136Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
23-Apr-2020
More results

Similar Description - SSA23L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
B330LA VISHAY-B330LA_15 Datasheet
438Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
B330LA-M3 VISHAY-B330LA-M3_15 Datasheet
73Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
26-Apr-13
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SS10PH45 VISHAY-SS10PH45_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com