Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SSB44
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSB44 Datasheet(HTML) 2 Page - Vishay Siliconix

  SSB44 Datasheet HTML 1Page - Vishay Siliconix SSB44 Datasheet HTML 2Page - Vishay Siliconix SSB44 Datasheet HTML 3Page - Vishay Siliconix SSB44 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSB43L & SSB44
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88884
Revision: 19-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Aluminum substrate mounted
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SSB43L
SSB44
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
4.0 A
TJ = 25 °C
TJ = 125 °C
VF
0.43
0.33
0.45
0.38
0.45
0.37
0.49
0.42
V
Maximum reverse current at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
-
35
0.6
45
-
25
0.4
40
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSB43L
SSB44
UNIT
Typical thermal resistance (1)
RθJA
RθJL
70
23
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SSB43L-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
SSB43L-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
SSB43LHE3/52T (1)
0.096
52T
750
7" diameter plastic tape and reel
SSB43LHE3/5BT (1)
0.096
5BT
3200
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
0
1
2
3
4
5
6
025
50
75
100
125
150
Lead Temperature (°C)
SSB43L
SSB44
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
0
20
60
40
100
80
120
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com