Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC53L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SSC53L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSC53L Datasheet(HTML) 3 Page - Vishay Siliconix

  SSC53L Datasheet HTML 1Page - Vishay Siliconix SSC53L Datasheet HTML 2Page - Vishay Siliconix SSC53L Datasheet HTML 3Page - Vishay Siliconix SSC53L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
SSC53L & SSC54
Vishay General Semiconductor
Document Number: 88885
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
0.2
0.4
0.6
0.8
0
1
10
100
Instantaneous Forward Voltage (V)
SSC53L
SSC54
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
020
60
40
100
80
0.001
0.1
0.01
10
1
100
1000
Percent of Rated Peak Reverse Voltage (%)
SSC53L
SSC54
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Figure 5. Typical Junction Capacitance
Reverse Voltage (V)
1
10
100
1000
10 000
100
SSC53L
SSC54
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.260 (6.60)
0.280 (7.11)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.2)
0.305 (7.75)
0.320 (8.13)
0.220 (5.59)
0.246 (6.22)
0.079 (2.06)
0.103 (2.62)
0.114 (2.90)
0.126 (3.20)
Cathode Band
DO-214AB (SMC)
0.185 (4.69)
MAX.
0.320 REF.
0.126 (3.20)
MIN.
0.060 (1.52)
MIN.
Mounting Pad Layout
0 (0)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com