Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB620 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB620
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB620 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB620 Datasheet HTML 1Page - Vishay Siliconix GSIB620 Datasheet HTML 2Page - Vishay Siliconix GSIB620 Datasheet HTML 3Page - Vishay Siliconix GSIB620 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSIB620 thru GSIB680
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88648
Revision: 31-Jan-08
2
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GSIB620
GSIB640
GSIB660
GSIB680
UNIT
Maximum instantaneous forward
voltage drop per diode
3.0 A
VF
0.95
V
Maximum DC reverse current at
rated DC blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
10
250
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB620
GSIB640
GSIB660
GSIB680
UNIT
Typical thermal resistance
RθJA
RθJC
22 (2)
3.4 (1)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GSIB660-E3/45
7.0
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
0
50
100
150
0
2
4
6
8
10
Temperature (°C)
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
0
60
30
120
90
180
150
210
T
J = TJ Max.
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com