Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS-V-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD103CWS-V-GS18
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CWS-V-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  SD103CWS-V-GS18 Datasheet HTML 1Page - Vishay Siliconix SD103CWS-V-GS18 Datasheet HTML 2Page - Vishay Siliconix SD103CWS-V-GS18 Datasheet HTML 3Page - Vishay Siliconix SD103CWS-V-GS18 Datasheet HTML 4Page - Vishay Siliconix SD103CWS-V-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85682
Rev. 1.7, 18-Sep-06
SD103AWS-V/103BWS-V/103CWS-V
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Leakage current
VR = 30 V
SD103AWS-V
IR
5µA
VR = 20 V
SD103BWS-V
IR
5µA
VR = 10 V
SD103CWS-V
IR
5µA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 mA to 200 mA,
recover to 0.1 IR
trr
10
ns
Figure 1. Typical Variation of Forward Current vs. Forward Voltage
Figure 2. Typical High Current Forward Conduction Curve
18488
0.01
1000
100
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
VF - Forward Voltage (V)
18489
4
5
3
2
0
1
0.5
1.0
0
1.5
VF - Forward Voltage (V)
duty cycle = 2 %
tp = 300 ms
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
Figure 4. Diode Capacitance vs. Reverse Voltage
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45 50
V - Reverse Voltage (V)
R
20084
75 °C
50 °C
25 °C
100 °C
Tamb = 125 °C
18491
10
20
30
40
050
VR - Reverse Voltage (V)
100
10
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com