Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS-V-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD103CWS-V-GS08
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CWS-V-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103CWS-V-GS08 Datasheet HTML 1Page - Vishay Siliconix SD103CWS-V-GS08 Datasheet HTML 2Page - Vishay Siliconix SD103CWS-V-GS08 Datasheet HTML 3Page - Vishay Siliconix SD103CWS-V-GS08 Datasheet HTML 4Page - Vishay Siliconix SD103CWS-V-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWS-V/103BWS-V/103CWS-V
Document Number 85682
Rev. 1.7, 18-Sep-06
Vishay Semiconductors
www.vishay.com
1
20145
Small Signal Schottky Diodes
Features
• The SD103 series is a metal-on-silicon
Schottky barrier device which is protected
by a PN junction guard ring
• This diode is also available in the
Mini-MELF case with the type designations LL103A
to LL103C, DO35 case with the type designations
SD103A to SD103C and SOD123 case with type
designations SD103AW-V to SD103CW-V
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices, steer-
ing, biasing, and coupling diodes for fast switching
and low logic level applications
• For general purpose applications
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD323 Plastic case
Weight: approx. 4.3 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type Marking
Remarks
SD103AWS-V
SD103AWS-V-GS18 or SD103AWS-V-GS08
S6
Tape and Reel
SD103BWS-V
SD103BWS-V-GS18 or SD103BWS-V-GS08
S7
Tape and Reel
SD103CWS-V
SD103CWS-V-GS18 or SD103CWS-V-GS08
S8
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Peak reverse voltage
SD103AWS-V
VRRM
40
V
SD103BWS-V
VRRM
30
V
SD103CWS-V
VRRM
20
V
Power dissipation
Ptot
2001)
mW
Single cycle surge
10 µs square wave
IFSM
2A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
5001)
K/W
Junction temperature
Tj
1251)
°C
Storage temperature range
Tstg
- 55 to + 1501)
°C
e3


Similar Part No. - SD103CWS-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103CWS-V-G VISHAY-SD103CWS-V-G Datasheet
71Kb / 4P
Small Signal Schottky Diodes
13-May-11
More results

Similar Description - SD103CWS-V-GS08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com