Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62055FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62055FP
Description  3 V Power Supply with Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62055FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62055FP Datasheet HTML 1Page - Renesas Technology Corp M62055FP Datasheet HTML 2Page - Renesas Technology Corp M62055FP Datasheet HTML 3Page - Renesas Technology Corp M62055FP Datasheet HTML 4Page - Renesas Technology Corp M62055FP Datasheet HTML 5Page - Renesas Technology Corp M62055FP Datasheet HTML 6Page - Renesas Technology Corp M62055FP Datasheet HTML 7Page - Renesas Technology Corp M62055FP Datasheet HTML 8Page - Renesas Technology Corp M62055FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M62055FP
Rev.2.00 Mar 10, 2006 page 2 of 9
Block Diagram
Vref
≈0.9V
Vref
≈1.5V
S
Q
RQ
S
Q
RQ
R
Q
SQ
R
Q
SQ
S
Q
RQ
Set
priority
Reset
priority
Reset
priority
Reset
priority
Set
priority
Vref
=1.25V
8
VCC
V
CC
6
VD
5
VO
4
RESET
3
TC
2
WD
Note:
It indicates VO, unless otherwise noted.
1
GND
7
CLM
V
CC
V
CC
V
CC
–
+
–
+
–
+
–
+
–
+
–
+
–
+
40k
56k
Vref
≈1.5V
Vref
≈1.25V
The input and output
reversal conservation
circuit
Start circuit
Voltage detector
(Current limiter)
Rise delay
(300
µs)
Pin Functional Description
Pin No.
Symbol
Functional Description
1
GND
Ground
2
WD
Input for watchdog timer
3
TC
Setting up reset timer and watchdog timer
4
RESET
Reset signal output
5
VO
Feedback to a power supply for a MCU
6
VD
Controlling the stability of an output voltage with a PNP transistor connected
externally
7
CLM
Current limiting
8
VCC
Power supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com