Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62016FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62016FP
Description  Low Power 2 Output System Reset IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62016FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62016FP Datasheet HTML 1Page - Renesas Technology Corp M62016FP Datasheet HTML 2Page - Renesas Technology Corp M62016FP Datasheet HTML 3Page - Renesas Technology Corp M62016FP Datasheet HTML 4Page - Renesas Technology Corp M62016FP Datasheet HTML 5Page - Renesas Technology Corp M62016FP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M62015L/FP, M62016L/FP
Rev.1.00 Sep 14, 2005 page 3 of 5
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
8
V
Output sink current
Isink
4
mA
Power dissipation
Pd
440
mW
Thermal derating
K
θ
4.4
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VS
2.55
2.70
2.85
V
Interruption level during VCC drop
Battery voltage
VBATT
1.85
2.00
2.15
V
Reset level at backup
Hysteresis voltage
∆V
S
—
60
—
mV
∆V
S = VSH – VSL
—
3.0
12
VCC = 3.0V: in normal mode
Circuit current
ICC
—
1.0
4.0
µA
VCC = 2.5V: in backup mode
Sink ability
Vsat
—
0.4
0.6
V
VCC = 2.5V, Isink = 2mA
Delay time
td
—
50
—
ms
External capacitance Cd = 0.33
µF
Reset output response time
tRESET
—
50
—
µs
When VCC falling
Interruption output reset time
tINT
—
40
—
µs
When VCC falling
Application Example
+
–
VCC
INT
INT
RESET
+
–
RESET
Interruption
reset
signal
*Note
M62015/M62016
Compulsive
reset
signal
Cd
+
Smoothing
capacitor
100
µF
VDD
Power supply pin
Microcomputer
system
Microcomputer
system reset IC
Delay
capacitor
0.33
µF
INT
Interruption input
RESET
Reset input
Clock input/output
Backup power
supply
VBATT (+3V)
Power supply
VCC (+3V)
Note: A pull-up resistor is required only in the case of open-drain output.
Figure 1 Application Example



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com