Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62002FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62002FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62002FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62002FP Datasheet HTML 1Page - Renesas Technology Corp M62002FP Datasheet HTML 2Page - Renesas Technology Corp M62002FP Datasheet HTML 3Page - Renesas Technology Corp M62002FP Datasheet HTML 4Page - Renesas Technology Corp M62002FP Datasheet HTML 5Page - Renesas Technology Corp M62002FP Datasheet HTML 6Page - Renesas Technology Corp M62002FP Datasheet HTML 7Page - Renesas Technology Corp M62002FP Datasheet HTML 8Page - Renesas Technology Corp M62002FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 5 of 9
Circuit Current vs. Ambient Temperature
7
0
2
5
1
3
6
4
Detection Voltage vs. Ambient Temperature
(Battery voltage)
Ambient Temperature Ta (°C)
2.20
2.05
2.10
2.15
Nch Output Saturation Voltage vs. Output Sink Current
Pch Output Saturation Voltage vs. Output Source Current
Output Sink Current Isink (mA)
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
–40
0
–20
20
40
80
60
100
VCC = 5V
VCC = 3V
VCC = 2V
Detection Voltage vs. Ambient Temperature
(Detection at 4.45V type)
Ambient Temperature Ta (°C)
4.50
4.35
4.40
4.45
–40
0
–20
20
40
80
60
100
Detection Voltage vs. Ambient Temperature
(Detection at 4.25V type)
Ambient Temperature Ta (°C)
4.30
4.15
4.20
4.25
–40
0
–20
20
40
80
60
100
0.5
0
012345
0.2
0.4
0.1
0.3
VCC = 4V
Output Source Current Isource (mA)
1.0
0
012345
0.4
0.8
0.2
0.6
VCC = 5→4V
RES
INT
V Vsat
VCC
GND
Isink
RES
V Vsat
VCC
GND
Isource



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com