Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62258FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62258FP
Description  General Purpose Battery Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62258FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62258FP Datasheet HTML 1Page - Renesas Technology Corp M62258FP Datasheet HTML 2Page - Renesas Technology Corp M62258FP Datasheet HTML 3Page - Renesas Technology Corp M62258FP Datasheet HTML 4Page - Renesas Technology Corp M62258FP Datasheet HTML 5Page - Renesas Technology Corp M62258FP Datasheet HTML 6Page - Renesas Technology Corp M62258FP Datasheet HTML 7Page - Renesas Technology Corp M62258FP Datasheet HTML 8Page - Renesas Technology Corp M62258FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M62258FP
REJ03F0247-0200 Rev.2.00 Jun 16, 2008
Page 2 of 8
Pin Arrangement
(Top view)
Outline: PRSP0016DE-A (16P2N-A)
GND 1
P.C 2
MSW 3
REF 4
IN1 5
IN2 6
ISENSE 7
DOUT 8
VDET
16
IDET
15
CS
14
CK
13
DI
12
VB
11
VCC
10
VDD
9
M62258FP
Pin Description
Pin No.
Pin Name
Function
12
DI
The serial data input pin which used to receive 8-bit wide serial data
13
CK
The shift clock input pin which takes the input signal of DI pin to 8-bit shift
register by the rising edge of clock signal
14
CS
When this pin is "Low", DI pin can receive the data into the 8-bit shift register.
The each bit will be latched at rising edge of the clock signal
8
DOUT
The output pin of the amplified A/D data
4
REF
The reference voltage output pin of the A/D converter
5, 6
IN1, IN2
The A/D converter input pin
7
ISENSE
The current sense input pin
3
MSW1
The main switch driver output pin (Open collector)
9
VDD
The stabilized +5 V output pin
11
VB
The pre-drive pin which used to connect the external PNP Tr
10
VCC
The power supply pin
15
IDET
The current detection input pin
16
VDET
The voltage detection input pin
2
P.C
The feedback pin for voltage and current control
1
GND
The ground pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com