Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9203 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9203
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9203 Datasheet HTML 5Page - STMicroelectronics TDA9203 Datasheet HTML 6Page - STMicroelectronics TDA9203 Datasheet HTML 7Page - STMicroelectronics TDA9203 Datasheet HTML 8Page - STMicroelectronics TDA9203 Datasheet HTML 9Page - STMicroelectronics TDA9203 Datasheet HTML 10Page - STMicroelectronics TDA9203 Datasheet HTML 11Page - STMicroelectronics TDA9203 Datasheet HTML 12Page - STMicroelectronics TDA9203 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Stand-o ff
Be
B1
D
13
12
24
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP24
PACKAGE MECHANICAL DATA
24 PINS - PLASTIC DIP (SHRINK)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.08
0.20
A1
0.51
0.020
3.05
3.30
4.57
0.120
0.130
0.180
B
0.36
0.46
0.56
0.0142
0.0181
0.0220
B1
0.76
1.02
1.14
0.030
0.040
0.045
C
0.23
0.25
0.38
0.0090
0.0098
0.0150
D
22.61
22.86
23.11
0.890
0.90
0.910
E
7.62
8.64
0.30
0.340
E1
6.10
6.40
6.86
0.240
0.252
0270
e
1.778
0.070
e1
7.62
0.30
e2
10.92
0.430
e3
1.52
0.060
L
2.54
3.30
3.81
0.10
0.130
0.150
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supe rsedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical comp onents in lifesupport devicesor systems
without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics - All Rights Reserved
Purchase of I
2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent.
Rights to use these components in a I
2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TDA9203A
13/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com