Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMN
Description  High Precision Surface Mount 4 Resistor Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMN Datasheet(HTML) 2 Page - Vishay Siliconix

  SMN Datasheet HTML 1Page - Vishay Siliconix SMN Datasheet HTML 2Page - Vishay Siliconix SMN Datasheet HTML 3Page - Vishay Siliconix SMN Datasheet HTML 4Page - Vishay Siliconix SMN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 63081
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 19-Apr-07
2
SMN
High Precision Surface Mount 4 Resistor Network
Dual-In-Line Package with TCR Tracking
≤ 0.5 ppm/°C,
Tolerance Match of 0.01 % and Ratio Stability of 0.005 %
Vishay Foil Resistors
FIGURE 2 - POWER DERATING CURVE
FIGURE 3 - DIMENSIONS AND IMPRINTING
EXAMPLE in inches (millimeters)
125
55
90
80
- 60
- 40
- 20
0
20
40
60
80
100
120
70
140
70
60
50
40
30
20
10
0
100
110
Ambient Temperature (°C)
Seating
Plane
SMN
10K Q 5K0
B0219
0.050
(1.27)
0.0165 ± 0.0025
(0.42 ± 0.064)
0.197 ± 0.005
(5.00 ± 0.13)
0.0075 ± 0.0025
(0.191 ± 0.064)
0.068 ± 0.005
(1.73 ± 0.13)
0.008 ± 0.001
(0.20 ± 0.025)
0.028 ± 0.001
(0.71 ± 0.025)
2° - 6°
VALUE R1
DATE
CODE
V
RATIO
TOLERANCE CODE
VALUE R2
FIGURE 4 - TYPICAL TCR CURVE
(For more details, see table 2)
FIGURE 5 - TRIMMING TO VALUES
(Conceptual Illustration)
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
∆R
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C reference)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 6 - LAND PATTERN in inches (millimeters)
ZG
X
Y
C
D
E
MINIMUM
0.283
(7.19)
0.102
(2.59)
0.024
(0.61)
0.095
(2.41)
0.197
(5.00)
0.150
(3.81)
0.050
(1.27)
MAXIMUM
0.291
(7.39)
0.110
(2.79)
0.032
(0.81)
REFERENCE
D
C
EX
Z
G
Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com