Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SPW
Description  Carbon Film Resistors, Special Purpose High Frequency Load (Tubes)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPW Datasheet(HTML) 1 Page - Vishay Siliconix

  SPW Datasheet HTML 1Page - Vishay Siliconix SPW Datasheet HTML 2Page - Vishay Siliconix SPW Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 31038
Revision 06-Sep-04
www.vishay.com
208
SPW
Vishay Dale
For Technical Questions, contact ff2aresistors@vishay.com
Carbon Film Resistors, Special Purpose
High Frequency Load (Tubes)
FEATURES
• High stability and excellent high frequency characteristics
• Particularly suited for high frequency applications involving
high power, high accuracy RF measurements
• Carbon film construction
APPLICATIONS
High frequency wattmeters for output measurement in radio,
TV and radar transmitters, dielectric heating and similar RF
generating equipment. Ideal for use as non-reactive radio
frequency terminations. Special high power designs with
internal water cooling are available. Contact factory.
STANDARD ELECTRICAL SPECIFICATIONS
MARKING
POWER RATING
WATTAGE FREE AIR
120
55
40
10
2
RESISTANCE
RANGE
50 ohm standard.
Other values
available
on special order.
Identification:
Type designation resistance value, tolerance
and code date of manufacture are printed on
each unit.
Terminations:
All types electroplated copper except
SPW-212. The SPW-212 has silver coated
termination bands.
Cooling:
Approximate increase in wattage when forced air cooling is
employed is 3 times wattages shown and for liquid cooling
(with heat exchanger) is 60 times wattages shown.
The
limiting factor insofar as the resistor is concerned is the film
temperature. This should not exceed +200°C and for maximum
stability should not exceed +150°C.
— DALE
— Model
— Value
— Tolerance
— Date code
RESISTANCE
TOLERANCE
± 2, ± 5
± 2, ± 5
± 2, ± 5
± 2, ± 5
± 2, ± 5
TEMPERATURE
COEFFICIENT
± 200 average
± 250 maximum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SPW21050R00JSL (preferred part numbering format)
S
P
W
2
1
050
R
0
0JS
L
Historical Part Number: SPW-210505% (will continue to be accepted)
SPW-210
50
5%
S51
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
(see Standard Electrical
Specification Table)
R = Decimal
25R00 = 25Ω
600R0 = 600Ω
G = ± 2%
J = ± 5%
K = ± 10%
SL = Custom Package
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1-999 as
applicable
MECHANICAL SPECIFICATIONS
LINEARITY
TOLERANCE
± 10
± 10
± 10
± 10
± 10
ppm/
°C
Ω
%
%
HISTORICAL
MODEL
SPW-236
SPW-227
SPW-210
SPW-214
SPW-212
GLOBAL
MODEL
SPW236
SPW227
SPW210
SPW214
SPW212
P25°C
W


Similar Part No. - SPW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
DOMINANT Semiconductors
SPW-VZHG DOMINANT-SPW-VZHG Datasheet
1Mb / 15P
SpicePlus2520
SPW-VZHG-SU2-VNBN DOMINANT-SPW-VZHG-SU2-VNBN Datasheet
1Mb / 15P
SpicePlus2520
logo
Knowles Electronics
SPW0442HR5H-1 KNOWLES-SPW0442HR5H-1 Datasheet
1Mb / 8P
Precision Top Port SiSonicTM Microphone
logo
Seoul Semiconductor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
More results

Similar Description - SPW

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GCF WELWYN-GCF Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
logo
IRC - a TT electronics ...
CF-SERIES IRCTT-CF-SERIES Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
logo
Vishay Siliconix
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
High Pulse Load Carbon Film Leaded Resistors
07-Jul-10
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
Pulse Load Carbon Film MELF Resistors for High Frequency Applications
01-Dec-09
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
TT Electronics.
CF-14102JBLK TTELEC-CF-14102JBLK Datasheet
304Kb / 3P
General Purpose Carbon Film Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com