Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9302H Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9302H
Description  VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9302H Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9302H Datasheet HTML 1Page - STMicroelectronics TDA9302H Datasheet HTML 2Page - STMicroelectronics TDA9302H Datasheet HTML 3Page - STMicroelectronics TDA9302H Datasheet HTML 4Page - STMicroelectronics TDA9302H Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
4
5
BY252
C1
C2
D1
C3
220
µF
220
µF
680mF
63
2
7
R1
12k
Ω
V
S
C4
0.22
µF
R7
1.5
Ω
C6
4.7
µF
R3
R4
R2
10k
Ω
27k
Ω
12k
Ω
C5
R5
R6
Ly
Iy
10mH
Ry
1000
µF
330
Ω
5.9
Ω
R5 Iy
to
V
i
to
GND
IN
to
t
fl y
7
V
*
RE F
Recommended for V
filtering
V
RE F
1
Ω
25V
=2V
20ms
Figure 2 : AC Test Circuit
MOUNTING INSTRUCTIONS
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the HEPTAWATT
TM package attaching
the heatsink is very simple, a screw or a compres-
sion spring (clip) being sufficient.
Between the heatsink and the package it is better
to insert a layer of silicon grease, to optimize the
thermal contact ; no electrical isolation is needed
between the two surfaces, since the tab is con-
nected to Pin 4 which is ground.
Figure 3 : Mounting Examples
TDA9302H
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com