Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS209 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKCS209
Description  Schottky Rectifier, 200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS209 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKCS209 Datasheet HTML 1Page - Vishay Siliconix VSKCS209 Datasheet HTML 2Page - Vishay Siliconix VSKCS209 Datasheet HTML 3Page - Vishay Siliconix VSKCS209 Datasheet HTML 4Page - Vishay Siliconix VSKCS209 Datasheet HTML 5Page - Vishay Siliconix VSKCS209 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94432
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Apr-08
1
Schottky Rectifier, 200 A
VSKCS209/150P
Vishay High Power Products
MECHANICAL DESCRIPTION
The Generation 5 of ADD-A-PAK module combine the
excellent thermal performance obtained by the usage of
direct bonded copper substrate with superior mechanical
ruggedness, thanks to the insertion of a solid copper
baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the majority
of heatsink with increased tolerance of surface roughness
and improved thermal spread.
The Generation 5 of ADD-A-PAK module is manufactured
without hard mold, eliminating in this way any possible direct
stress on the leads.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop feature
already tested and proved as reliable on other Vishay HPP
modules.
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level
DESCRIPTION
The VSKCS209.. Schottky rectifier common cathode has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
200 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
200
A
VRRM
150
V
IFSM
tp = 5 µs sine
11 300
A
VF
100 Apk, TJ = 125 °C
0.76
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKCS209/150P
UNITS
Maximum DC reverse voltage
VR
150
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKCS209

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS201 VISHAY-VSKCS201 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKCS201-045 VISHAY-VSKCS201-045 Datasheet
176Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
18-May-10
VSKCS201/045P VISHAY-VSKCS201/045P Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKCS201 VISHAY-VSKCS201_10 Datasheet
176Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
18-May-10
VSKCS203-100 VISHAY-VSKCS203-100 Datasheet
188Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
07-Apr-10
More results

Similar Description - VSKCS209

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
116Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
201CNQ045PBF VISHAY-201CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
VSKDS401 VISHAY-VSKDS401 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS403 VISHAY-VSKDS403 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS409 VISHAY-VSKDS409 Datasheet
159Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
127Kb / 7P
Schottky Rectifier, 200 A
28-Apr-08
VSKCS208 VISHAY-VSKCS208_V01 Datasheet
174Kb / 7P
Schottky Rectifier, 200 A
23-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com