Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # A20
Description  Rack and Panel Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A20 Datasheet(HTML) 2 Page - Vishay Siliconix

  A20 Datasheet HTML 1Page - Vishay Siliconix A20 Datasheet HTML 2Page - Vishay Siliconix A20 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A20 and WA20
Rack and Panel Connectors
Side Mount
Vishay Dale
Document Number: 36018
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 08-Feb-07
13
DIMENSIONS in inches [millimeters]
ORDERING INFORMATION
A20
WA20
PAB
A
MODEL
BODY STYLE
CONTACT LOCATION
EMPTY CONTACT
POSITIONS
Side Mount with 4 positions
for #20 AWG contacts.
P - Designates pin style body.
S - Designates socket style body.
These designations are used to
identify mating connectors, however,
any combination of pin and socket
contacts may be ordered in either
style body. Therefore, when
designators 3 and 4 are the same,
a connector designated A20P or
WA20P will mate with a connector
designated A20S or WA20S.
Example:
A20P-CD mates with A20S-CD
A20S-AB mates with A20P-CD
Designates pin contact
positions in an A20P or
WA20P connector or socket
contact positions in an A20S
or WA20S connector
(specify “A”, “B”, “C”, “D” or
any combination of the four).
Specify by contact
identification letter
(A, B, etc.) any contact
positions which are to be
left empty (omit, if none
required).
EXAMPLE 1:
A20P-CD or WA20P-CD = Connector with
pin contacts in positions “C” and “D” and
socket contacts in positions “A” and “B”.
EXAMPLE 2:
A20S-CD or WA20S-CD = Connector with
socket contacts in positions “C” and “D”
and pin contacts in positions “A” and “B”
(would mate with Example 1 at left).
EXAMPLE 3:
A20P-BC or WA20P-BC-A = Connector with pin contacts in
positions “B” and “C”,socket contact in position “D” and no
contact in position “A” (would mate with A20S-BC or
WA20S-BC-A).
WA20P-CD
WA20S-CD
0.170
[4.32]
0.093 [2.36]
Dia. Thru
Contact
Socket
Solder Cups
Accommodate
#20 AWG Wire
0.340
[8.64]
0.750
[19.05]
0.220
[5.59]
0.040
[1.02]
Dia.
Contact
Pin
0.220
[5.59]
82° C-sink
(Far Side)
Contact
Socket
0.750
[19.05]
0.220
[5.59]
0.040
[1.02]
Dia.
0.172
[4.37]
0.220
[5.59]
0.093 [2.36]
Dia. Thru
82° C-sink
0.340
[8.64]
Solder Cups
Accommodate
#20 AWG Wire
0.170
[4.32]
0.125
[3.18]
0.281
[7.14]
0.250
[6.35]
0.440
[11.18]
Lettering on
Wire Side
Only
A
B
CD
DALE
WA20P
0.125
[3.18]
0.281
[7.14]
0.250
[6.35]
0.440
[11.18]
DALE
WA20S
A
B
C
D
Lettering on
Wire Side
Only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com