Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS403/100P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKCS403/100P
Description  Schottky Rectifier, 400 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS403/100P Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKCS403/100P Datasheet HTML 1Page - Vishay Siliconix VSKCS403/100P Datasheet HTML 2Page - Vishay Siliconix VSKCS403/100P Datasheet HTML 3Page - Vishay Siliconix VSKCS403/100P Datasheet HTML 4Page - Vishay Siliconix VSKCS403/100P Datasheet HTML 5Page - Vishay Siliconix VSKCS403/100P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94438
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Apr-08
3
VSKCS403/100P
Schottky Rectifier, 400 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop - V
FM (V)
0.0
0.5
1.0
1.5
2.0
1
10
100
1000
Tj = 25°C
Tj = 125°C
Tj = 175°C
Reverse Voltage - V
R (V)
.001
.01
.1
1
10
100
1000
020
40
60
80
100
T =175°C
150°C
125°C
100°C
75°C
50°C
25°C
J
Reverse Voltage - V
R (V)
0
102030405060 70 8090 100
1000
10000
Tj = 25°C
t1, Rectangular Pulse Duration (Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.001
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.2
D = 0.25
D = 0.33
D = 0.5
D = 0.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com