Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1737 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1737
Description  INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1737 Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1737 Datasheet HTML 1Page - STMicroelectronics TDE1737 Datasheet HTML 2Page - STMicroelectronics TDE1737 Datasheet HTML 3Page - STMicroelectronics TDE1737 Datasheet HTML 4Page - STMicroelectronics TDE1737 Datasheet HTML 5Page - STMicroelectronics TDE1737 Datasheet HTML 6Page - STMicroelectronics TDE1737 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDE1737
TDF1737
October 1991
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
.
HIGH OUTPUT CURRENT
.
ADJUSTABLE
SHORT-CIRCUIT
PROTEC-
TION
.
THERMAL PROTECTION WITH HYSTERESIS
TO AVOID THE INTERMEDIATE OUTPUT LEV-
ELS
.
LARGE SUPPLY VOLTAGE RANGE : + 8 V to
+ 45 V
DESCRIPTION
The TDE1737-TDF1737 is a monolithic amplifier
designed for high current and high voltage applica-
tions, specifically to drive lamps, relays and control
of stepper motors.
This device is essentially blow-out proof. Current
limiting is available to limit the peak output current
to a safe value, the adjustment only requires one ex-
ternal resistor. In addition, thermal shut down is pro-
vided to keep the I.C. from overheating. If internal
dissipation becomes too great, the driver will shut
down to prevent excessive heating.
The output is also protected against short-circuits
with the positive power supply.
The device operates over a wide range of supply
voltages from standard
± 15 V operational amplifier
supplies down to the single + 12 V or + 24 used for
industrial electronic systems.
MINIDIP
DP SUFFIX
SO14
FP SUFFIX
ORDER CODES
Part
Number
Temperature
Range
Package
DP
FP
TDE1737
TDF1737
– 25
°C to + 85 °C
– 40
°C to + 85 °C
•
•
•
•
Example : TDE1737DP
PIN CONNECTIONS (top views)
SO-14
MINIDIP
1/7


Similar Part No. - TDE1737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDE1737 ETC-TDE1737 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1737DP STMICROELECTRONICS-TDE1737DP Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1737FP STMICROELECTRONICS-TDE1737FP Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1737FPT STMICROELECTRONICS-TDE1737FPT Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
More results

Similar Description - TDE1737

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Sep-1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
Nov-1991
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
Mar-1993
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
STMicroelectronics
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
logo
STMicroelectronics
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
Interface circuit - relay and lamp-driver
20-Sep-2006
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com