Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1767 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1767
Description  INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1767 Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1767 Datasheet HTML 1Page - STMicroelectronics TDE1767 Datasheet HTML 2Page - STMicroelectronics TDE1767 Datasheet HTML 3Page - STMicroelectronics TDE1767 Datasheet HTML 4Page - STMicroelectronics TDE1767 Datasheet HTML 5Page - STMicroelectronics TDE1767 Datasheet HTML 6Page - STMicroelectronics TDE1767 Datasheet HTML 7Page - STMicroelectronics TDE1767 Datasheet HTML 8Page - STMicroelectronics TDE1767 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDE1767, A
TDE1787, A
INTERFACE CIRCUIT (RELAY AND LAMP-DRIVER)
March 1993
OPEN GROUND PROTECTION
HIGH OUTPUT CURRENT
ADJUSTABLE SHORT-CIRCUIT PROTECTION
INTERNAL THERMAL PROTECTION WITH
EXTERNAL RESET
LARGE SUPPLY VOLTAGE RANGE
ALARM OUTPUT
INPUT VOLTAGE CAN BE HIGHER THAN VCC
OUTPUT VOLTAGE CAN BE LOWER THAN
GROUND (VCC -VO
≤ VCC[max])
DESCRIPTION
The TDE1767, A/TDE1787, A are a monolithic am-
plifiers designed for high current and high voltage
applications, specifically to drive lamps, relays,
stepping motors.
The devices are assentially blow-out proof. The
output is prois protected from short-circuits with the
positive supply or drive. In addition thermal shut
down is provited to keep the IC from overheathing.
If internal dissipation becomes too high, the driver
will shut down to prevent excessive heating. The
output stays null after the overheating is off, if the
reset input is low. If high the output will alternatively
switch-on and off until the overload is removed.
The devices operates over a wide range voltages
from standard 15 V operational amplifier supplies
to the single +6V or +48V used for industrial electric
systems. Input voltages can be higher than in the
VCC.
An alarm output suitable for driving a LED is
provited. This LED, normally on (if referred to
ground), will die out or flash during an overload
depending on the state of the reset input.
The output is low in open ground conditions.
PIN CONNECTION (top view)
Symbol
Parameter
Value
Unit
Rth (j - c)
Maximum Junction-case Thermal Resistance
30
°C/W
Rth (j - a)
Maximum Junction-ambient Thermal Resistence
80
°C/W
THERMAL DATA
* Devices bonded on a 40 cm2 glass-epoxy printed circuit 0.15 cm thick with 4 cm2 of copper.
Minidip
ORDERING NUMBERS : TDE1767 DP
TDE1767 ADP
TDE1787 DP
TDE1787 ADP
1/10


Similar Part No. - TDE1767

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDE1767 ETC-TDE1767 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
logo
List of Unclassifed Man...
TDE1767A ETC-TDE1767A Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE1767ADP STMICROELECTRONICS-TDE1767ADP Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
TDE1767DP STMICROELECTRONICS-TDE1767DP Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
More results

Similar Description - TDE1767

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Sep-1988
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Oct-1991
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
Nov-1991
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
STMicroelectronics
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
logo
STMicroelectronics
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
Interface circuit - relay and lamp-driver
20-Sep-2006
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com