Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1737DP Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDF1737DP
Description  INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1737DP Datasheet(HTML) 2 Page - STMicroelectronics

  TDF1737DP Datasheet HTML 1Page - STMicroelectronics TDF1737DP Datasheet HTML 2Page - STMicroelectronics TDF1737DP Datasheet HTML 3Page - STMicroelectronics TDF1737DP Datasheet HTML 4Page - STMicroelectronics TDF1737DP Datasheet HTML 5Page - STMicroelectronics TDF1737DP Datasheet HTML 6Page - STMicroelectronics TDF1737DP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
50
V
VI
Input Voltage
50
V
VID
Differential Input Voltage
50
V
IO
Output Current
1000
mA
Ptot
Power Dissipation
Internally Limited
W
Toper
Operating Free–air Temperature Range for TDE1737
– 25 to + 85
°C
Toper
Operating Free–air Temperature Range for TDF1737
– 40 to + 85
°C
Tstg
Storage Temperature Range
– 65 to + 150
°C
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Maximum Junction-case Thermal Resistance
MINIDIP
50
°C/W
Rth(j-a)
Maximum
Junction-ambient
Thermal
Resistance
MINIDIP
120
°C/W
Junction-ceramic Substrate (case glued to substrate)
SO14
90
°C/W
ELECTRICAL CHARACTERISTICS
TDE1737 – 25
°C ≤ Tamb ≤ + 85 °C, + 8 V ≤ VCC ≤ + 45 V, IO ≤ 300 mA, Tj ≤ + 150 °C
(unless otherwise specified)
TDF1737 – 40
°C ≤ Tamb ≤ + 85 °C, + 8 V ≤ VCC ≤ + 45 V, IO ≤ 300 mA, Tj ≤ 150 °C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage – (note 1)
–
2
50
mV
IIB
Input Bias Current
–
0.1
1.5
µA
ICC
Supply Current (VCC = + 24 V, IO = 0)
–
3
5
mA
VCM
Common–mode Input Voltage Range
2
–
VCC–2
V
ISC
Short–circuit Current Limit (RSC = 1.5
Ω, Tcase = + 25 °C)
–
500
–
mA
VCC–VO
Output Saturation Voltage (output low)
(VI
+ – VI – ≥ 50 mV IO = 300 mA, RSC = 0)
–
1
1.5
V
IOL
Output Leakage Current
(output high) (VO = VCC = + 24 V, Tamb = + 25
°C)
––
10
µA
Notes : 1. The offset voltage given is the maximum value of
input voltage required to drive the output voltage within 2 V of
the ground or the supply voltage.
2. Devices bonded on a 40 cm
2 glass-epoxy printed circuit 0.15 cm thick with 4 cm2 of cooper.
TDE1737 - TDF1737
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com