Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDMQ0803 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GDMQ0803
Description  Ceramic Capacitor Stacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDMQ0803 Datasheet(HTML) 1 Page - Vishay Siliconix

  GDMQ0803 Datasheet HTML 1Page - Vishay Siliconix GDMQ0803 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 22033
For technical questions, contact powcap@vishay.com
www.vishay.com
Revision: 10-Jun-05
1
GDMQ
Vishay Draloric
Ceramic Capacitor Stacks
DESIGN:
Ceramic capacitor stacks with leads
RATED VOLTAGE UR:
see table below
DIELECTRIC STRENGTH:
see table below (Test voltage between leads)
DISSIPATION FACTOR tan
δ:
≤ 25 • 10-3
INSULATION RESISTANCE Ris:
≥ 1 • 1011 Ω (R 2000, R 3000)
≥ 1 • 1010 Ω (R 2005, R 6000)
CATEGORY TEMPERATURE RANGE
ϑA:
(- 10 to + 85) °C
* Dimensions in mm
Ø
0.6
L
6...9
(0.024 DIA)
(0.24...0.35)
* In an insulating environment
** Min. 3 s in an insulating liquid
Other capacitance values and number of discs are available on request
MODEL
CAPACITANCE
(pF)
TOLERANCE
RATED
VOLTAGE*
(KVp)
TEST
VOLTAGE**
(KVDC)
CERAMIC
DIELECTRIC
NO. OF
DISCS
IN SERIES
LENGTH L
(mm/inches)
Ø D
(mm/inches)
OF THE SINGLE DISC
GDMQ 0803
125
- 20 + 40 %
8
12
R 2000
3
22/0.86 MAX.
8.8 - 0.4/
0.35 - 0.016
GDMQ 0806
6
40/1.58 MAX.
GDMQ 0807
7
46/1.81 MAX.
GDMQ 0809
9
61/2.40 MAX.
GDMQ 0704
250
- 20 + 40 %
8
13
R 2005
4
25/1 MAX.
7.7 ± 0.2/
0.30 ± 0.04
GDMQ 0705
5
31/1.22 MAX.
GDMQ 0706
6
37/1.46 MAX.
GDMQ 0709
9
56/2.2 MAX.
GDMQ 0710
10
62/2.44 MAX.
GDMQ 0712
12
72/2.83 MAX.
GDMQ 0803
250
- 20 + 40 %
8
13
R 3000
3
25/1 MAX.
8.8 - 0.4/
0.35 - 0.016
GDMQ 0804
4
29/1.14 MAX.
GDMQ 0805
5
35/1.38 MAX.
GDMQ 0806
6
42.5/1.67 MAX.
GDMQ 0809
9
61/2.40 MAX.
GDMQ 0812
12
81/3.19 MAX.
GDMQ 1005
500
- 20 + 40 %
10
15
R 6000
5
47/1.85 MAX.
10.5 ± 0.4/
0.41 ± 0.016
ORDERING INFORMATION
GDMQ 0803
8 KVp
125 pF
- 20 + 40 %
R 2000


Similar Part No. - GDMQ0803

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ0803 VISHAY-GDMQ0803 Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
More results

Similar Description - GDMQ0803

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GFMM VISHAY-GFMM Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
logo
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
logo
Vishay Siliconix
GFMM VISHAY-GFMM_06 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
07-Feb-06
GFMQ VISHAY-GFMQ Datasheet
111Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
136Kb / 2P
High Voltage Stacks
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ_17 Datasheet
90Kb / 4P
High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
23-May-17
GFMM VISHAY-GFMM_15 Datasheet
91Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
GFMQ VISHAY-GFMQ_15 Datasheet
94Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
logo
Microsemi Corporation
1N5597TX MICROSEMI-1N5597TX Datasheet
163Kb / 3P
High Voltage Stacks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com