Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1747DP Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDF1747DP
Description  INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1747DP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDF1747DP Datasheet HTML 3Page - STMicroelectronics TDF1747DP Datasheet HTML 4Page - STMicroelectronics TDF1747DP Datasheet HTML 5Page - STMicroelectronics TDF1747DP Datasheet HTML 6Page - STMicroelectronics TDF1747DP Datasheet HTML 7Page - STMicroelectronics TDF1747DP Datasheet HTML 8Page - STMicroelectronics TDF1747DP Datasheet HTML 9Page - STMicroelectronics TDF1747DP Datasheet HTML 10Page - STMicroelectronics TDF1747DP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 11: Output Current Extension (5A)
Figure 12: Driving Low Impedance Relays (IO = 300mA)
The device in the above application operates at: VCC = +45V, IO = 300mA with a heatsink such that Rth(j-a)
≤ 80°C/W. The device supports
an output voltage of VCC =VZ during the current cut off time, which is decreased by the zener diode. Thisvoltage must be
≤ to the maximum
supply voltage.
TDE1747 - TDF1747
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com