Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFMM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GFMM
Description  Ceramic Capacitor Stacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GFMM Datasheet(HTML) 1 Page - Vishay Siliconix

  GFMM Datasheet HTML 1Page - Vishay Siliconix GFMM Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 22017
For technical questions, contact powcap@vishay.com
www.vishay.com
Revision: 07-Feb-06
1
GFMM
Vishay Draloric
Ceramic Capacitor Stacks
DESIGN:
Ceramic capacitor stacks with solder tags and
protective lacquering
RATED VOLTAGE UR:
see table below
DIELECTRIC STRENGTH:
see table below (Test voltage between solder tags)
DISSIPATION FACTOR tan
δ:
≤ 25 • 10-3
INSULATION RESISTANCE Ris:
≥ 1 • 1010 Ω
CATEGORY TEMPERATURE RANGE
ϑA:
(- 10 to + 60) ºC
Insulating rim of the ceramic discs has protective lacquering
• Dimensions in millimeters
~ 2 (~ 0.079)
L
0.3 (0.012)
9 HEX
7.0
(0.276)
0.8 (0.032)
2.0 (0.079)
D
7.0
(0.276)
* In an insulating environment
** Min. 20 s in an insulating liquid
Other capacitance values and number of discs are available on request
MODEL
CAPACITANCE
(pF)
TOLERANCE
RATED
VOLTAGE*
(KVp)
TEST
VOLTAGE**
(KVDC)
CERAMIC
DIELECTRIC
NO. OF
DISCS
IN SERIES
LENGTH L
(mm/inches)
Ø D
(mm/inches)
OF THE SINGLE DISC
GFMM 2505
1300
- 10 + 60 %
19
25
R 4000
5
70/2.76 MAX.
25.5 ± 0.5/
(1 ± 0.02)
GFMM 2505
2200
- 10 + 50 %
11
15
R 6000
5
70/2.76 MAX.
GFMM 2507
7
77/3.03 MAX.
ORDERING INFORMATION
GFMM 2505
11 KVp
2200 pF
- 20 + 50 %
R 6000


Similar Part No. - GFMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GFMM VISHAY-GFMM Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GFMM VISHAY-GFMM Datasheet
91Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
GFMM2505 VISHAY-GFMM2505 Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GFMM2507 VISHAY-GFMM2507 Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GFMM VISHAY-GFMM_15 Datasheet
91Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
More results

Similar Description - GFMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GFMM VISHAY-GFMM Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
logo
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ_05 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
GFMQ VISHAY-GFMQ Datasheet
111Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
136Kb / 2P
High Voltage Stacks
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ_17 Datasheet
90Kb / 4P
High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
23-May-17
GFMM VISHAY-GFMM_15 Datasheet
91Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
GFMQ VISHAY-GFMQ_15 Datasheet
94Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
logo
Microsemi Corporation
1N5597TX MICROSEMI-1N5597TX Datasheet
163Kb / 3P
High Voltage Stacks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com