Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G-5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # G-5
Description  Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G-5 Datasheet(HTML) 2 Page - Vishay Siliconix

  G-5 Datasheet HTML 1Page - Vishay Siliconix G-5 Datasheet HTML 2Page - Vishay Siliconix G-5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G, GN
Wirewound Resistors, Military, MIL-PRF-26 Qualified,
Type RW, Precision Power, Silicone Coated
Vishay Dale
Document Number: 30205
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 22-Mar-06
151
DIMENSIONS in inches [millimeters]
Notes
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
(2) L1 max. dimension is clean lead to clean lead
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic, beryllium oxide or alumina, depending on
resistor model
Coating: Special high temperature silicone
Standard Terminals: 100 % Sn, or 60/40 Sn/Pb coated
Copperweld®
End Caps: Stainless steel
Part Marking: DALE, model, wattage (1), value, tolerance,
date code
Notes
(1) Wattage marked on part will be “U” characteristic
• Military (RW) parts are only available with 60/40 Sn/Pb finishc
GN NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Aryton-Perry) winding.
They are identified by inserting the letter N after G in the
model number (GN-5, for example). Two conditions apply:
1. For GN models, divide maximum resistance values by two
2. Body O.D. on GN-5C may exceed that of the G-5C by 0.010"
TERMINATION
When G resistors will be operated at full rated power,
resistance welding or high temperature solder are the
recommended termination methods. Termination should be
made within 1/2" from end of resistor body.
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
LL1 max. (2)
CD
G-1-80
G-1-380
0.250 ± 0.031
[6.35 ± 0.787]
0.281
[7.14]
0.085 ± 0.020
[2.16 ± 0.508]
0.020 ± 0.002
[0.508 ± 0.051]
G2
0.312 ± 0.016
[7.92 ± 0.406]
0.328
[8.33]
0.078 + 0.016 - 0.031
[1.98 + 0.406 - 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
G-3-80
G-3-380
0.406 ± 0.031
[10.31 ± 0.787]
0.437
[11.10]
0.094 ± 0.031
[2.39 ± 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
G-5
0.562 ± 0.062
[14.27 ± 1.57]
0.622
[15.80]
0.188 ± 0.032
[4.78 ± 0.813]
0.032 ± 0.002
[0.813 ± 0.051]
G-5C
0.500 ± 0.062
[12.70 ± 1.57]
0.593
[15.06]
0.218 ± 0.032
[5.54 ± 0.813]
0.040 ± 0.002
[1.02 ± 0.051]
G-10
0.875 ± 0.062
[22.23 ± 1.57]
1.0
[25.4]
0.312 ± 0.032
[7.92 ± 0.813]
0.040 ± 0.002
[1.02 ± 0.051]
C
D
L
1.50
[38.10]
(1)
min.
L
1
- 65 - 50
0
50
150
250
350
AMBIENT TEMPERATURE IN °C
Derating
120
100
80
60
40
20
0
CHAR. V
CHAR. U
25
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
(CHARACTERISTIC U)
Thermal Shock
Rated power applied until thermally stable, then a min. of 15 min at - 55 °C
± (0.2 % + 0.05
Ω) ΔR
Short Time Overload
5 x power (G-1-80 thru G-5C), 10 x power (G-10) for 5 s
± (0.2 % + 0.05
Ω) ΔR
Dielectric Withstanding Voltage
1000 Vrms, 1 min
± (0.1 % + 0.05
Ω) ΔR
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.05
Ω) ΔR
High Temperature Exposure
250 h at + 250 °C (Characteristic U)
± (0.5 % + 0.05
Ω) ΔR
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.05
Ω) ΔR
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks
± (0.1 % + 0.05
Ω) ΔR
Vibration, High Frequency
Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.05
Ω) ΔR
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.05
Ω) ΔR
Terminal Strength
5 to 10 s, 5 or 10 lb pull test (depending on size), torsion test - 3 alternating
directions, 360° each
± (0.1 % + 0.05
Ω) ΔR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com